Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM94-SERIES Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM94-SERIES
Description  CMOS PFM step-up DC/DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM94-SERIES Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM94-SERIES Datasheet HTML 1Page - ELM Technology Corporation ELM94-SERIES Datasheet HTML 2Page - ELM Technology Corporation ELM94-SERIES Datasheet HTML 3Page - ELM Technology Corporation ELM94-SERIES Datasheet HTML 4Page - ELM Technology Corporation ELM94-SERIES Datasheet HTML 5Page - ELM Technology Corporation ELM94-SERIES Datasheet HTML 6Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
http://www.elm-tech.com
Rev.1.0
6 -
ELM94xxB CMOS PFM step-up DC/DC converter
+
ELM94xxB
VOUT
MA721
LX
Vout
Vin
VSS
330 H
22 F
P.F.M.
Oscillator
Vref
Start-up
+ -
VSS
LX
VOUT
■Standard circuit
■Block diagram
L=330μH, D=MA721, C=22μF, Vss=0V, Top=25°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input voltage
Vin
10
V
Starting voltage
Vst
RL=27kΩ
0.98
V
Holding voltage
Vhold Iout=1mA
0.7
V
Current consumption
Iss
Iout=100μA, Vin=1.5V
3.5
7.0
μA
Output voltage
Vout Iout=1mA, Vin=1.5V
2.63
2.70
2.77
V
Output current of LX pin
Ilx
Vout=2.6V, Vlx=0.4V
80
mA
Leakage current of LX pin
Ilxl
Vout=Vlx=10V
1.0
μA
Oscillating frequency
Fosc Vout=2.6V
22
35
55
kHz
Maximum duty ratio
Duty Vout=2.6V, Switch"ON"
45
55
65
%
Vout=2.7V(ELM9427B)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input voltage
Vin
10
V
Starting voltage
Vst
RL=30kΩ
0.98
V
Holding voltage
Vhold Iout=1mA
0.7
V
Current consumption
Iss
Iout=100μA, Vin=1.5V
4.0
8.0
μA
Output voltage
Vout Iout=1mA, Vin=1.5V
2.92
3.00
3.08
V
Output current of LX pin
Ilx
Vout=2.9V, Vlx=0.4V
90
mA
Leakage current of LX pin
Ilxl
Vout=Vlx=10V
1.0
μA
Oscillating frequency
Fosc Vout=2.9V
22
35
55
kHz
Maximum duty ratio
Duty Vout=2.9V, Switch"ON"
45
55
65
%
Vout=3.0V(ELM9430B)
L=330μH, D=MA721, C=22μF, Vss=0V, Top=25°C
■Electrical characteristics


Similar Part No. - ELM94-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM94 ELM-ELM94 Datasheet
896Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
Beckhoff Automation Gmb...
ELM9410 BECKHOFF-ELM9410 Datasheet
176Kb / 2P
   Power supply terminal for refreshing the E-bus, with diagnostics
logo
ELM Technology Corporat...
ELM9427B-N ELM-TECH-ELM9427B-N Datasheet
82Kb / 6P
   CMOS PFM step-up DC/DC converter
ELM9427B-S ELM-TECH-ELM9427B-S Datasheet
82Kb / 6P
   CMOS PFM step-up DC/DC converter
ELM9430B-N ELM-TECH-ELM9430B-N Datasheet
82Kb / 6P
   CMOS PFM step-up DC/DC converter
More results

Similar Description - ELM94-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM9427B-S ELM-TECH-ELM9427B-S Datasheet
82Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Electronics
ELM94 ELM-ELM94 Datasheet
896Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM91-SERIES ELM-TECH-ELM91-SERIES Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM91181AA-S ELM-TECH-ELM91181AA-S Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter and controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com