Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM613DA Datasheet(PDF) 8 Page - ELM Technology Corporation

Part # ELM613DA
Description  synchronous step-down DC/DC converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM613DA Datasheet(HTML) 8 Page - ELM Technology Corporation

Back Button ELM613DA Datasheet HTML 3Page - ELM Technology Corporation ELM613DA Datasheet HTML 4Page - ELM Technology Corporation ELM613DA Datasheet HTML 5Page - ELM Technology Corporation ELM613DA Datasheet HTML 6Page - ELM Technology Corporation ELM613DA Datasheet HTML 7Page - ELM Technology Corporation ELM613DA Datasheet HTML 8Page - ELM Technology Corporation ELM613DA Datasheet HTML 9Page - ELM Technology Corporation ELM613DA Datasheet HTML 10Page - ELM Technology Corporation ELM613DA Datasheet HTML 11Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Rev.1.3
11 -
9. PCB layout guide
PCB layout is very important to achieve stable operation. Please follow the guidelines below.
1) Keep the path of switching current short and minimize the loop area formed by Input capacitor, high-side
MOSFET and low-side MOSFET.
2) Bypass ceramic capacitors are suggested to be put close to the VIN Pin.
3) Ensure all feedback connections are short and direct. Place the feedback resistors and compensation
components as close to the chip as possible.
4) Rout SW away from sensitive analog areas such as FB.
5) Connect IN, SW, and especially GND respectively to a large copper area to cool the chip to improve
thermal performance and long-term reliability.
SOP-8
■Marking
LV1482SN
a b c d e f
g h i j k
Mark
Content
LV1482SN
Product ID
a to k
Assembly lot No.:
0 to 9 & A to Z repeated
ELM613DA 2A, 20V, 550kHz, synchronous step-down DC/DC converter
L
R1
R2
R3
Cout
C1
Vout=5.0V
10µH
15K
15K
6.8K
16K
22µF
3.3nF
Vout=3.3V
10µH
12K
100
4.7K
15K
22µF
3.3nF
Vout=2.5V
10µH
9.1K
470
5.6K
13K
22µF
3.3nF
Vout=1.8V
10µH
6.8K
1K
8.2K
6.8K
22µF
3.3nF
Vout=1.2V
4.7µH
1.5K
1.5K
10K
5.1K
22µF
3.3nF
Vout=1.0V
3.3µH
1K
1K
24K
4.7K
22µF
3.3nF
Table2 : BOM of ELM613DA
when Vin≤ 6V, for the purpose of promote the efficiency, it can add an external Schottky diode between IN and
BS pins, as shown in Figure 2.
SW
BS
GND
VIN
ELM613DA
Schottky
(B0520LW)
5V to 6V
Vout
Figure 2: Add a Schottky diode to promote efficiency when Vin ≤ 6V.


Similar Part No. - ELM613DA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM613DA ELM-ELM613DA Datasheet
1Mb / 11P
   2A, 20V, 550kHz, synchronous step-down DC/DC converter
More results

Similar Description - ELM613DA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com