Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901AVQPWRG4Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2901AVQPWRG4Q1
Description  LM2901x-Q1 Quadruple Differential Comparator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2901AVQPWRG4Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LM2901AVQPWRG4Q1 Datasheet HTML 1Page - Texas Instruments LM2901AVQPWRG4Q1 Datasheet HTML 2Page - Texas Instruments LM2901AVQPWRG4Q1 Datasheet HTML 3Page - Texas Instruments LM2901AVQPWRG4Q1 Datasheet HTML 4Page - Texas Instruments LM2901AVQPWRG4Q1 Datasheet HTML 5Page - Texas Instruments LM2901AVQPWRG4Q1 Datasheet HTML 6Page - Texas Instruments LM2901AVQPWRG4Q1 Datasheet HTML 7Page - Texas Instruments LM2901AVQPWRG4Q1 Datasheet HTML 8Page - Texas Instruments LM2901AVQPWRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LM2901-Q1, LM2901V-Q1, LM2901AV-Q1
SLCS142E – DECEMBER 2003 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2901-Q1 LM2901V-Q1 LM2901AV-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground.
(3)
Differential voltages are at IN+ with respect to IN
−.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VCC
(2)
36
V
Differential input voltage, VID
(3)
±36
Input voltage range, VI (either input)
–0.3
36
Output voltage, VO
36
Output current, IO
20
mA
Duration of output short circuit to ground(4)
Unlimited
Lead temperature 1,6 mm (1/16 inch) from case for 10 s
260
°C
Operating virtual junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
LM2901-Q1
2
30
V
LM2901V-Q1, LM2901AV-Q1
2
32
TA
Ambient temperature
–40
125
°C
IO
Output current (per comparator)
0
4
mA
(1)
For more information about traditional and new thermal metrics, see the Semicondctor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) − TA) / RθJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
6.4 Thermal Information
THERMAL METRIC(1)
LM2901x-Q1
UNIT
D (SOIC)
PW (TSSOP)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance(2)
88.6
119.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
49.1
47.9
°C/W
RθJB
Junction-to-board thermal resistance
43.0
60.9
°C/W
ψJT
Junction-to-top characterization parameter
13.6
5.4
°C/W
ψJB
Junction-to-board characterization parameter
42.7
60.3
°C/W


Similar Part No. - LM2901AVQPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901AVQPWRG4Q1 TI-LM2901AVQPWRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901AVQPWRG4Q1 TI-LM2901AVQPWRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901AVQPWRG4Q1 TI1-LM2901AVQPWRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901AVQPWRG4Q1 TI1-LM2901AVQPWRG4Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
MARCH 2023
More results

Similar Description - LM2901AVQPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901-Q1 TI-LM2901-Q1_V02 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI-LM2901-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1_V03 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1 Datasheet
229Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901-Q1 TI1-LM2901-Q1_14 Datasheet
789Kb / 13P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901QDRG4Q1 TI1-LM2901QDRG4Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901Q1 TI-LM2901Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
SeCoS Halbleitertechnol...
SHLM339 SECOS-SHLM339 Datasheet
526Kb / 4P
   Differential Comparator
logo
Texas Instruments
TL712 TI-TL712_06 Datasheet
259Kb / 12P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com