Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901QPWRG4Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2901QPWRG4Q1
Description  LM2901x-Q1 Quadruple Differential Comparator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2901QPWRG4Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2901QPWRG4Q1 Datasheet HTML 5Page - Texas Instruments LM2901QPWRG4Q1 Datasheet HTML 6Page - Texas Instruments LM2901QPWRG4Q1 Datasheet HTML 7Page - Texas Instruments LM2901QPWRG4Q1 Datasheet HTML 8Page - Texas Instruments LM2901QPWRG4Q1 Datasheet HTML 9Page - Texas Instruments LM2901QPWRG4Q1 Datasheet HTML 10Page - Texas Instruments LM2901QPWRG4Q1 Datasheet HTML 11Page - Texas Instruments LM2901QPWRG4Q1 Datasheet HTML 12Page - Texas Instruments LM2901QPWRG4Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
±1
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
Time (us)
5mV OD
20mV OD
100mV OD
C001
±1
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
Time (us)
5mV OD
20mV OD
100mV OD
C001
9
LM2901-Q1, LM2901V-Q1, LM2901AV-Q1
www.ti.com
SLCS142E – DECEMBER 2003 – REVISED MAY 2016
Product Folder Links: LM2901-Q1 LM2901V-Q1 LM2901AV-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
If IN– is lower than IN+ and the offset voltage, then the output is in high impedance and the output
transistor is not conducting.
When IN– is higher than common-mode and IN+ is within common-mode, the output is low and the output
transistor is sinking current.
When IN+ is higher than common-mode and IN– is within common-mode, then the output is in high
impedance and the output transistor is not conducting.
When IN– and IN+ are both higher than common-mode, then the output is low and the output transistor is
sinking current.
8.2.2.2 Minimum Overdrive Voltage
The overdrive voltage is the differential voltage produced between the positive and negative inputs of the
comparator over the offset voltage (VIO). To make an accurate comparison the overdrive voltage (VOD) must be
higher than the input offset voltage (VIO). The overdrive voltage can also determine the response time of the
comparator, with the response time decreasing as the overdrive increases. Figure 5 and Figure 6 show positive
and negative response times with respect to overdrive voltage.
8.2.2.3 Output and Drive Current
Output current is determined by the load or pullup resistance and logic or pullup voltage. The output current
produces an output low voltage (VOL) from the comparator. In which VOL is proportional to the output current. Use
Figure 3 to determine VOL based on the output current.
The output current can also effect the transient response. See Response Time for more information.
8.2.2.4 Response Time
The transient response can be determined by the load capacitance (CL), load or pullup resistance (RPULLUP), and
equivalent collector-emitter resistance (RCE).
Use Equation 1 and Equation 2 to calculate the approximate values of the rise time (tr) and fall time (tf).
tP ≈ RPULLUP × CL
(1)
tN ≈ RCE × CL
(2)
To find the value of RCE, use the slope of Figure 3 in the linear region at the desired temperature, or divide VOL
by IO.
8.2.3 Application Curves
The following curves were generated with 5 V on VCC and VLOGIC, RPULLUP = 5.1 kΩ, and 50-pF scope probe.
Figure 5. Response Time for Various Overdrives
Negative Transition
Figure 6. Response Time for Various Overdrives
Positive Transition


Similar Part No. - LM2901QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901QPWRG4Q1 TI-LM2901QPWRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901QPWRG4Q1 TI-LM2901QPWRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901QPWRG4Q1 TI1-LM2901QPWRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901QPWRG4Q1 TI1-LM2901QPWRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901QPWRG4Q1 TI1-LM2901QPWRG4Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
MARCH 2023
More results

Similar Description - LM2901QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901-Q1 TI-LM2901-Q1_V02 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI-LM2901-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1_V03 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1 Datasheet
229Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901-Q1 TI1-LM2901-Q1_14 Datasheet
789Kb / 13P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901QDRG4Q1 TI1-LM2901QDRG4Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901Q1 TI-LM2901Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
SeCoS Halbleitertechnol...
SHLM339 SECOS-SHLM339 Datasheet
526Kb / 4P
   Differential Comparator
logo
Texas Instruments
TL712 TI-TL712_06 Datasheet
259Kb / 12P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com