Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901VQDRG4Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2901VQDRG4Q1
Description  LM2901x-Q1 Quadruple Differential Comparator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2901VQDRG4Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LM2901VQDRG4Q1 Datasheet HTML 1Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 2Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 3Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 4Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 5Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 6Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 7Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 8Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
1OUT
14
3OUT
2
2OUT
13
4OUT
3
V
CC
12
GND
4
2IN–
11
4IN+
5
2IN+
10
4IN–
6
1IN–
9
3IN+
7
1IN+
8
3IN–
3
LM2901-Q1, LM2901V-Q1, LM2901AV-Q1
www.ti.com
SLCS142E – DECEMBER 2003 – REVISED MAY 2016
Product Folder Links: LM2901-Q1 LM2901V-Q1 LM2901AV-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D and PW Packages
14-Pin SOIC and TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
1OUT
O
Output of comparator 1
2
2OUT
O
Output of comparator 2
3
VCC
Supply Pin
4
2IN–
I
Negative input of comparator 2
5
2IN+
I
Positive input of comparator 2
6
1IN–
I
Negative input of comparator 1
7
1IN+
I
Positive input of comparator 1
8
3IN–
I
Negative input of comparator 3
9
3IN+
I
Positive input of comparator 3
10
4IN–
I
Negative input of comparator 4
11
4IN+
I
Positive input of comparator 4
12
GND
Ground
13
4OUT
O
Output of comparator 4
14
3OUT
O
Output of comparator 3


Similar Part No. - LM2901VQDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901VQDRG4Q1 TI-LM2901VQDRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901VQDRG4Q1 TI-LM2901VQDRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901VQDRG4Q1 TI1-LM2901VQDRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901VQDRG4Q1 TI1-LM2901VQDRG4Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
MARCH 2023
More results

Similar Description - LM2901VQDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901-Q1 TI-LM2901-Q1_V02 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI-LM2901-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1_V03 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1 Datasheet
229Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901-Q1 TI1-LM2901-Q1_14 Datasheet
789Kb / 13P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901QDRG4Q1 TI1-LM2901QDRG4Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901Q1 TI-LM2901Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
SeCoS Halbleitertechnol...
SHLM339 SECOS-SHLM339 Datasheet
526Kb / 4P
   Differential Comparator
logo
Texas Instruments
TL712 TI-TL712_06 Datasheet
259Kb / 12P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com