Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901VQDRG4Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2901VQDRG4Q1
Description  LM2901x-Q1 Quadruple Differential Comparator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2901VQDRG4Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM2901VQDRG4Q1 Datasheet HTML 1Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 2Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 3Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 4Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 5Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 6Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 7Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 8Page - Texas Instruments LM2901VQDRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
IN–
IN+
OUT
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2901-Q1, LM2901V-Q1, LM2901AV-Q1
SLCS142E – DECEMBER 2003 – REVISED MAY 2016
LM2901x-Q1 Quadruple Differential Comparator
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level H2
Device CDM ESD Classification Level C6
Single Supply or Dual Supplies
Low Supply-Current Drain Independent of Supply
Voltage: 0.8 mA (Typical)
Low Input Bias Current: 25 nA (Typical)
Low Input Offset Current: 2 nA (Typical)
Low Input Offset Voltage: 2 mV (Typical)
Common-Mode Input Voltage Range Includes
Ground
Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage: ±36 V
Low Output Saturation Voltage
Output Compatible With TTL, MOS, and CMOS
For Single Version in 5-Pin SOT-23, See the
TL331-Q1 (SLVS969)
2 Applications
Automotive
HEV/EV and Power Trains
Infotainment and Clusters
Body Control Modules
Industrial
Power Supervision
Oscillators
Peak Detectors
Logic Voltage Translation
3 Description
The LM2901x-Q1 family of devices consists of four
independent
voltage
comparators,
designed
to
operate from a single power supply over a wide range
of voltages. Operation from dual supplies is possible,
provided the difference between the two supplies is
2 V to 36 V, and VCC is at least 1.5 V more positive
than the input common-mode voltage. Current drain
is independent of the supply voltage. The outputs can
be connected to other open-collector outputs to
achieve
wired-AND
relationships.
LM2901V-Q1
supports higher VCC voltage and LM2901AV-Q1
supports higher VCC and lower VIO.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2901xx-Q1PW
TSSOP (14)
4.40 mm × 5.00 mm
LM2901xx-Q1D
SOIC (14)
3.91 mm × 8.65 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - LM2901VQDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901VQDRG4Q1 TI-LM2901VQDRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901VQDRG4Q1 TI-LM2901VQDRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901VQDRG4Q1 TI1-LM2901VQDRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901VQDRG4Q1 TI1-LM2901VQDRG4Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
MARCH 2023
More results

Similar Description - LM2901VQDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901-Q1 TI-LM2901-Q1_V02 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI-LM2901-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1_V03 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1 Datasheet
229Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901-Q1 TI1-LM2901-Q1_14 Datasheet
789Kb / 13P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901QDRG4Q1 TI1-LM2901QDRG4Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901Q1 TI-LM2901Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
SeCoS Halbleitertechnol...
SHLM339 SECOS-SHLM339 Datasheet
526Kb / 4P
   Differential Comparator
logo
Texas Instruments
TL712 TI-TL712_06 Datasheet
259Kb / 12P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com