Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6682 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH6682
Description  LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6682 Datasheet(HTML) 2 Page - Texas Instruments

  LMH6682_15 Datasheet HTML 1Page - Texas Instruments LMH6682_15 Datasheet HTML 2Page - Texas Instruments LMH6682_15 Datasheet HTML 3Page - Texas Instruments LMH6682_15 Datasheet HTML 4Page - Texas Instruments LMH6682_15 Datasheet HTML 5Page - Texas Instruments LMH6682_15 Datasheet HTML 6Page - Texas Instruments LMH6682_15 Datasheet HTML 7Page - Texas Instruments LMH6682_15 Datasheet HTML 8Page - Texas Instruments LMH6682_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
LMH6682, LMH6683
SNOSA43A – MAY 2004 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. SOIC-8/VSSOP-8 (LMH6682)
Figure 2. SOIC-14/TSSOP-14 (LMH6683)
Top View
Top View
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance
Human Body Model
2KV(3)
Machine Model
200V(4)
VIN Differential
±2.5V
Output Short Circuit Duration
See(5)(6)
Input Current
±10mA
Supply Voltage (V+ - V)
12.6V
Voltage at Input/Output pins
V+ +0.8V, V
−0.8V
Soldering Information
Infrared or Convection (20 sec.)
235°C
Wave Soldering (10 sec.)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature(7)
+150°C
(1)
Absolute maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human body model, 1.5k
Ω in series with 100pF.
(4)
Machine Model, 0
Ω in series with 200pF.
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(6)
Output short circuit duration is infinite for VS < 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
(7)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
Operating Ratings
(1)
Supply Voltage (V+ – V)
3V to 12V
Operating Temperature Range(2)
−40°C to +85°C
Package Thermal Resistance(2)
SOIC-8
190°C/W
VSSOP-8
235°C/W
SOIC-14
145°C/W
TSSOP-14
155°C/W
(1)
Absolute maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6682 LMH6683


Similar Part No. - LMH6682_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6682 NSC-LMH6682_14 Datasheet
1Mb / 30P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
More results

Similar Description - LMH6682_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6682 NSC-LMH6682 Datasheet
842Kb / 20P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
Texas Instruments
LMH6704 TI1-LMH6704 Datasheet
944Kb / 20P
[Old version datasheet]   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
National Semiconductor ...
LMH6682 NSC-LMH6682_14 Datasheet
1Mb / 30P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
Texas Instruments
LMH6683 TI1-LMH6683 Datasheet
1Mb / 30P
[Old version datasheet]   190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
[Old version datasheet]   Single Supply, Dual and Triple Operational Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com