Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6683 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6683
Description  LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6683 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6683 Datasheet HTML 2Page - Texas Instruments LMH6683 Datasheet HTML 3Page - Texas Instruments LMH6683 Datasheet HTML 4Page - Texas Instruments LMH6683 Datasheet HTML 5Page - Texas Instruments LMH6683 Datasheet HTML 6Page - Texas Instruments LMH6683 Datasheet HTML 7Page - Texas Instruments LMH6683 Datasheet HTML 8Page - Texas Instruments LMH6683 Datasheet HTML 9Page - Texas Instruments LMH6683 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LMH6682, LMH6683
SNOSA43A – MAY 2004 – REVISED APRIL 2013
www.ti.com
±5V Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for at TJ = 25°C, V
+ = 5V, V= −5V, V
O = VCM = 0V, and RL = 100Ω to 0V, RF =
510
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
±1
±5
mV
±7
TC VOS
Input Offset Voltage Average
See(4)
±2
μV/°C
Drift
IB
Input Bias Current
See(5)
−5
−20
μA
−30
TC IB
Input Bias Current Drift
0.01
nA/°C
IOS
Input Offset Current
50
300
nA
500
CMRR
Common Mode Rejection Ratio
VCM Stepped from −5V to 3.0V
75
84
dB
+PSRR
Positive Power Supply Rejection
V+ = 8.5V to 9.5V,
75
82
dB
Ratio
V=
−1V
−PSRR
Negative Power Supply Rejection V=
−4.5V to −5.5V,
78
85
dB
Ratio
V+ = 5V
IS
Supply Current (per channel)
No load
6.5
9.5
mA
11
Miscellaneous Performance
VO
Output Swing
RL = 2kΩ to 0V
4.10
4.25
High
3.80
RL = 150Ω to 0V
3.90
4.20
V
3.70
RL = 75Ω to 0V
3.75
4.18
3.50
Output Swing
RL = 2kΩ to 0V
−4.19
−4.07
Low
−3.80
RL = 150Ω to 0V
−4.05
−3.89
mV
−3.65
R L = 75Ω to 0V
−4.00
−3.70
−3.50
IOUT
Output Current
VO = 1V from either supply rail
±45
+85/
−80
mA
ISC
Output Short Circuit
Sourcing to 0V
−120
−180
Current(6)(7)(8)
−100
mA
Sinking from 0V
120
230
100
RIN
Common Mode Input Resistance
4
M
CIN
Common Mode Input
1.6
pF
Capacitance
ROUT
Output Resistance Closed Loop
f = 1kHz, A = +2, RL = 50Ω
0.02
f = 1MHz, A = +2, RL = 50Ω
0.12
(4)
Offset Voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
(6)
Short circuit test is a momentary test. See next note.
(7)
Output short circuit duration is infinite for VS < 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
(8)
Positive current corresponds to current flowing into the device.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6682 LMH6683


Similar Part No. - LMH6683

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6683 NSC-LMH6683 Datasheet
842Kb / 20P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
Texas Instruments
LMH6683 TI1-LMH6683 Datasheet
1Mb / 30P
[Old version datasheet]   190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6683 TI1-LMH6683 Datasheet
1Mb / 30P
[Old version datasheet]   Single Supply, Dual and Triple Operational Amplifiers
logo
National Semiconductor ...
LMH6683MA NSC-LMH6683MA Datasheet
842Kb / 20P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6683MANOPB NSC-LMH6683MANOPB Datasheet
1Mb / 30P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
More results

Similar Description - LMH6683

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6682 NSC-LMH6682 Datasheet
842Kb / 20P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
Texas Instruments
LMH6704 TI1-LMH6704 Datasheet
944Kb / 20P
[Old version datasheet]   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
National Semiconductor ...
LMH6682 NSC-LMH6682_14 Datasheet
1Mb / 30P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
Texas Instruments
LMH6683 TI1-LMH6683 Datasheet
1Mb / 30P
[Old version datasheet]   190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
[Old version datasheet]   Single Supply, Dual and Triple Operational Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com