Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC2831C-551 Datasheet(PDF) 2 Page - Sumida Corporation

Part # PFC2831C-551
Description  AC COMMON MODE COIL Type: PFC Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

PFC2831C-551 Datasheet(HTML) 2 Page - Sumida Corporation

  PFC2831C-551 Datasheet HTML 1Page - Sumida Corporation PFC2831C-551 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C
AC COMMON MODE COIL <Pin Type: PFC Series>
Type: PFC2831C
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
No.
Part No.
Stamp
Wire
(mm)
Pin pitch
Inductance
(mH)
(1-2)or(4-3)
Min.
Inductance
balance
(µH) Max.
D.C.R.(m )
At 20
(1-2)or(4-3)
Max.
Permission
current
(Arms)
(50Hz/60Hz)
(1-4)
01
PFC2831C-241
241
φ1.5
0.24
30
4.0
15.0
02
PFC2831C-551
551
φ1.5
0.55
50
5.9
12.5
03
PFC2831C-981
981
φ1.4
0.98
70
9.2
11.0
04
PFC2831C-132
132
φ1.3
20mm
1.3
80
13.0
10.0
05
PFC2831C-222
222
φ1.2
2.2
100
20.0
8.0
06
PFC2831C-332
332
φ1.1
3.3
120
28.0
7.0
07
PFC2831C-462
462
φ1.0
12mm
4.6
180
40.0
6.0
* Rated current:250 Vrms,50Hz/60Hz
* Measuring frequency Inductance 1kHz,0.1V
※ Permission current :When temperature of coil increased up to 40℃. (Ta=20℃)
* (2-3)between to be shorted when using.
* Winding turns are approx, Turns rate is fixed.
Impedance Characteristic (ref.)
Ω
Ω
Ω
Ω


Similar Part No. - PFC2831C-551

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
PFC2831C SUMIDA-PFC2831C Datasheet
174Kb / 1P
   AC COMMON MODE COIL
More results

Similar Description - PFC2831C-551

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
PFC2225B SUMIDA-PFC2225B_12 Datasheet
145Kb / 2P
   AC COMMON MODE COIL < PINType: PFC Series>
LF1290 SUMIDA-LF1290_1 Datasheet
159Kb / 2P
   AC COMMON MODE COIL
LF2420 SUMIDA-LF2420 Datasheet
141Kb / 1P
   AC COMMON MODE COIL
LF2823 SUMIDA-LF2823 Datasheet
122Kb / 1P
   AC COMMON MODE COIL
LF2115 SUMIDA-LF2115 Datasheet
123Kb / 1P
   AC COMMON MODE COIL
LF2020 SUMIDA-LF2020 Datasheet
144Kb / 1P
   AC COMMON MODE COIL
PFN3218 SUMIDA-PFN3218 Datasheet
164Kb / 1P
   COMMON MODE CHOKE COIL < Pin Type: PFN Series >
UU9LFB SUMIDA-UU9LFB_06 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU10LF SUMIDA-UU10LF_06 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU9LF SUMIDA-UU9LF_06 Datasheet
130Kb / 2P
   AC COMMON MODE COIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com