Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M368L1624FTM Datasheet(PDF) 3 Page - Sanken electric

Part # M368L1624FTM
Description  184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

M368L1624FTM Datasheet(HTML) 3 Page - Sanken electric

  M368L1624FTM Datasheet HTML 1Page - Sanken electric M368L1624FTM Datasheet HTML 2Page - Sanken electric M368L1624FTM Datasheet HTML 3Page - Sanken electric M368L1624FTM Datasheet HTML 4Page - Sanken electric M368L1624FTM Datasheet HTML 5Page - Sanken electric M368L1624FTM Datasheet HTML 6Page - Sanken electric M368L1624FTM Datasheet HTML 7Page - Sanken electric M368L1624FTM Datasheet HTML 8Page - Sanken electric M368L1624FTM Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DDR SDRAM
256MB, 512MB Unbuffered DIMM
Rev. 1.2 May, 2004
SAMSUNG ELECTRONICS CO., Ltd. reserves the right to change products and specifications without notice.
Ordering Information
Operating Frequencies
Part Number
Density
Organization
Component Composition
Height
M368L1624FTM-C(L)B3/AA/A2/B0
128MB
16M x 64
16Mx16 (K4H561638F) * 4EA
1,250mil
M368L3223FTN-C(L)B3/AA/A2/B0
256MB
32M x 64
32Mx8 (K4H560838F) * 8EA
1,250mil
M381L3223FTM-C(L)B3/AA/A2/B0
256MB
32M x 72
32Mx8 (K4H560838F) * 9EA
1,250mil
M368L6423FTN-C(L)B3/AA/A2/B0
512MB
64M x 64
32Mx8 (K4H560838F) * 16EA
1,250mil
M381L6423FTM-C(L)B3/AA/A2/B0
512MB
64M x 72
32Mx8 (K4H560838F) * 18EA
1,250mil
B3(DDR333@CL=2.5)
AA(DDR266@CL=2)
A2(DDR266@CL=2)
B0(DDR266@CL=2.5)
Speed @CL2
133MHz
133MHz
133MHz
100MHz
Speed @CL2.5
166MHz
133MHz
133MHz
133MHz
CL-tRCD-tRP
2.5-3-3
2-2-2
2-3-3
2.5-3-3
Feature
• Power supply : Vdd: 2.5V ± 0.2V, Vddq: 2.5V ± 0.2V
Double-data-rate architecture; two data transfers per clock cycle
• Bidirectional data strobe(DQS)
• Differential clock inputs(CK and CK)
• DLL aligns DQ and DQS transition with CK transition
• Programmable Read latency 2, 2.5 (clock)
• Programmable Burst length (2, 4, 8)
• Programmable Burst type (sequential & interleave)
• Edge aligned data output, center aligned data input
• Auto & Self refresh, 7.8us refresh interval(8K/64ms refresh)
• Serial presence detect with EEPROM
• PCB : Height 1,250 (mil), single (128MB, 256MB), double (512MB) sided
184Pin Unbuffered DIMM based on 256Mb F-die (x8, x16)


Similar Part No. - M368L1624FTM

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L1624DTL SAMSUNG-M368L1624DTL Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTL-CLA2 SAMSUNG-M368L1624DTL-CLA2 Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTL-CLB0 SAMSUNG-M368L1624DTL-CLB0 Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTL-CLB3 SAMSUNG-M368L1624DTL-CLB3 Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
More results

Similar Description - M368L1624FTM

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M368L3223CTL SAMSUNG-M368L3223CTL Datasheet
83Kb / 12P
   256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M464S0924FTS SAMSUNG-M464S0924FTS Datasheet
221Kb / 15P
   144pin Unbuffered SODIMM based on 128Mb F-die 64-bit Non ECC
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com