Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM14466AA-N Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM14466AA-N
Description  Single N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM14466AA-N Datasheet(HTML) 3 Page - ELM Electronics

  ELM14466AA-N Datasheet HTML 1Page - ELM Electronics ELM14466AA-N Datasheet HTML 2Page - ELM Electronics ELM14466AA-N Datasheet HTML 3Page - ELM Electronics ELM14466AA-N Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
ELM14466AA-N
4 -
■Typical electrical and thermal characteristics
AO4466
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
0
10
20
30
40
50
60
0
1
2
3
4
5
Vds (Volts)
Fig 1: On-Region Characteristics
Vgs=3.5V
4.5V
6V
10V
0
4
8
12
16
20
1.5
2
2.5
3
3.5
4
4.5
Vgs(Volts)
Figure 2: Transfer Characteristics
10
15
20
25
30
35
40
0
5
10
15
20
Id (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
Vsd (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.6
0.8
1
1.2
1.4
1.6
-50 -25
0
25
50
75 100 125 150 175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
Vgs=10V
Vgs=4.5V
10
20
30
40
50
60
2
4
6
8
10
Vgs (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
Vds=5V
Vgs=4.5V
Vgs=10V
Id=9.4A
25°C
125°C
Alpha & Omega Semiconductor, Ltd.
Single N-channel MOSFET


Similar Part No. - ELM14466AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14466AA-N ELM-TECH-ELM14466AA-N Datasheet
99Kb / 4P
   Single N-channel MOSFET
More results

Similar Description - ELM14466AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM17412GA-S ELM-TECH-ELM17412GA-S Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM34404AA-S ELM-TECH-ELM34404AA-S Datasheet
273Kb / 4P
   Single N-channel MOSFET
ELM13400CA-S ELM-TECH-ELM13400CA-S Datasheet
95Kb / 4P
   Single N-channel MOSFET
ELM13402CA ELM-TECH-ELM13402CA Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM13418CA-S ELM-TECH-ELM13418CA-S Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14406AA-N ELM-TECH-ELM14406AA-N Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14412AA ELM-TECH-ELM14412AA Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14466AA-N ELM-TECH-ELM14466AA-N Datasheet
99Kb / 4P
   Single N-channel MOSFET
ELM16400EA-N ELM-TECH-ELM16400EA-N Datasheet
105Kb / 4P
   Single N-channel MOSFET
ELM32410LA-S ELM-TECH-ELM32410LA-S Datasheet
133Kb / 4P
   Single N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com