Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM14606AA-N Datasheet(PDF) 7 Page - ELM Electronics

Part # ELM14606AA-N
Description  Complementary MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM14606AA-N Datasheet(HTML) 7 Page - ELM Electronics

  ELM14606AA-N Datasheet HTML 1Page - ELM Electronics ELM14606AA-N Datasheet HTML 2Page - ELM Electronics ELM14606AA-N Datasheet HTML 3Page - ELM Electronics ELM14606AA-N Datasheet HTML 4Page - ELM Electronics ELM14606AA-N Datasheet HTML 5Page - ELM Electronics ELM14606AA-N Datasheet HTML 6Page - ELM Electronics ELM14606AA-N Datasheet HTML 7Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
ELM14606AA-N
7 -
AO4606
P-CHANNEL
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
2
4
6
8
10
0
4
8
12
16
20
-Qg (nC)
Figure 7: Gate-Charge Characteristics
0
250
500
750
1000
1250
1500
0
5
10
15
20
25
30
-Vds (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
10
20
30
40
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note 5)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Coss
Crss
0.1
1.0
10.0
100.0
0.1
1
10
100
-Vds (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note 5)
100�s
10ms
1ms
0.1s
1s
10s
DC
Rds(on)
limited
Tj(max.)=150°C, Ta=25°C
Vds=-15V
Id=-6A
Single Pulse
D=Ton/T
Tj,pk=Ta+Pdm.Z�ja.R�ja
R�ja=62.5°C/W
Ton
T
Pd
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Tj(max.)=150°C
Ta=25°C
10�s
Alpha & Omega Semiconductor, Ltd.
Complementary MOSFET


Similar Part No. - ELM14606AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14606AA-N ELM-TECH-ELM14606AA-N Datasheet
136Kb / 7P
   Complementary MOSFET
More results

Similar Description - ELM14606AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM34608AA-S ELM-TECH-ELM34608AA-S Datasheet
240Kb / 7P
   Complementary MOSFET
ELM35602KA-S ELM-TECH-ELM35602KA-S Datasheet
235Kb / 7P
   Complementary MOSFET
ELM14614AA-N ELM-TECH-ELM14614AA-N Datasheet
142Kb / 7P
   Complementary MOSFET
ELM24604HA-S ELM-TECH-ELM24604HA-S Datasheet
169Kb / 9P
   Complementary MOSFET
ELM34605AA-S ELM-TECH-ELM34605AA-S Datasheet
474Kb / 7P
   Complementary MOSFET
ELM35600KA-S ELM-TECH-ELM35600KA-S Datasheet
484Kb / 7P
   Complementary MOSFET
ELM34601AA-N ELM-TECH-ELM34601AA-N Datasheet
943Kb / 7P
   Complementary MOSFET
ELM34603AA-N ELM-TECH-ELM34603AA-N Datasheet
993Kb / 7P
   Complementary MOSFET
ELM34605AA-N ELM-TECH-ELM34605AA-N Datasheet
1,011Kb / 7P
   Complementary MOSFET
ELM36601EA-S ELM-TECH-ELM36601EA-S Datasheet
496Kb / 7P
   Complementary MOSFET
logo
ELM Electronics
ELM34601AA-N ELM-ELM34601AA-N Datasheet
1Mb / 7P
   Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com