Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM14614AA-N Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM14614AA-N
Description  Complementary MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM14614AA-N Datasheet(HTML) 2 Page - ELM Electronics

  ELM14614AA-N Datasheet HTML 1Page - ELM Electronics ELM14614AA-N Datasheet HTML 2Page - ELM Electronics ELM14614AA-N Datasheet HTML 3Page - ELM Electronics ELM14614AA-N Datasheet HTML 4Page - ELM Electronics ELM14614AA-N Datasheet HTML 5Page - ELM Electronics ELM14614AA-N Datasheet HTML 6Page - ELM Electronics ELM14614AA-N Datasheet HTML 7Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
■Electrical Characteristics (N-ch)
Parameter
Symbol
Conditions
Min. Typ. Max. Unit Note
STATIC PARAMETERS
Drain-source breakdown voltage
BVdss Id=10mA, Vgs=0V
40
V
Zero gate voltage drain current
Idss Vds=32V
Vgs=0V
1
μA
Ta=55°C
5
Gate-body leakage current
Igss Vds=0V, Vgs=±20V
±100 nA
Gate threshold voltage
Vgs(th) Vds=Vgs, Id=250μA
1.5
2.3
3.0
V
On state drain current
Id(on) Vgs=10V, Vds=5V
20
A
Static drain-source on-resistance
Rds(on)
Vgs=10V
Id=6A
23.2 31.0
Ta=125°C
36.0 48.0
Vgs=4.5V, Id=5A
32.6 45.0
Forward transconductance
Gfs Vds=5V, Id=6A
22
S
Diode forward voltage
Vsd Is=1A, Vgs=0V
0.77 1.00
V
Max.body-diode continuous current
Is
2.5
A
Pulsed body-diode current
Ism
20
A
2
DYNAMIC PARAMETERS
Input capacitance
Ciss
Vgs=0V, Vds=20V, f=1MHz
404
500
pF
Output capacitance
Coss
95
120
pF
Reverse transfer capacitance
Crss
37
50
pF
Gate resistance
Rg
Vgs=0V, Vds=0V, f=1MHz
2.7
4.0
Ω
SWITCHING PARAMETERS
Total gate charge (10V)
Qg
Vgs=10V, Vds=20V
Id=6A
8.3
10.0 nC
Total gate charge (4.5V)
Qg
4.2
5.1
nC
Gate-source charge
Qgs
1.3
2.0
nC
Gate-drain charge
Qgd
2.3
3.0
nC
Turn-on delay time
td(on)
Vgs=10V, Vds=20V
RL=3.3Ω, Rgen=3Ω
4.2
5.5
ns
Turn-on rise time
tr
3.3
4.5
ns
Turn-off delay time
td(off)
15.6 21.0
ns
Turn-off fall time
tf
3.0
4.0
ns
Body-diode reverse recovery time
trr
If=6A, dIf/dt=100A/μs
20.5 27.0
ns
Body-diode reverse recovery charge
Qrr If=6A, dIf/dt=100A/μs
14.5 19.0 nC
ELM14614AA-N
7 -
NOTE :
1. The value of Rθja is measured with the device mounted on 1in² FR-4 board of 2oz. Copper, in still air environment
with Ta=25°C. The value in any given applications depends on the user’s specific board design, The current rating is
based on the t ≤ 10s themal resistance rating.
2. Repetitive rating, pulse width limited by junction temperature.
3. The Rθja is the sum of the thermal impedance from junction to lead Rθjl and lead to ambient.
4. The static characteristics in Figures 1 to 6 are obtained using<300μs pulses, duty cycle 0.5%max.
5. These tests are performed with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment
with Ta=25°C. The SOA curve provides a single pulse rating.
Complementary MOSFET
Ta=25°C. Unless otherwise noted.


Similar Part No. - ELM14614AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14614AA-N ELM-TECH-ELM14614AA-N Datasheet
142Kb / 7P
   Complementary MOSFET
More results

Similar Description - ELM14614AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM34608AA-S ELM-TECH-ELM34608AA-S Datasheet
240Kb / 7P
   Complementary MOSFET
ELM35602KA-S ELM-TECH-ELM35602KA-S Datasheet
235Kb / 7P
   Complementary MOSFET
ELM14614AA-N ELM-TECH-ELM14614AA-N Datasheet
142Kb / 7P
   Complementary MOSFET
ELM24604HA-S ELM-TECH-ELM24604HA-S Datasheet
169Kb / 9P
   Complementary MOSFET
ELM34605AA-S ELM-TECH-ELM34605AA-S Datasheet
474Kb / 7P
   Complementary MOSFET
ELM35600KA-S ELM-TECH-ELM35600KA-S Datasheet
484Kb / 7P
   Complementary MOSFET
ELM34601AA-N ELM-TECH-ELM34601AA-N Datasheet
943Kb / 7P
   Complementary MOSFET
ELM34603AA-N ELM-TECH-ELM34603AA-N Datasheet
993Kb / 7P
   Complementary MOSFET
ELM34605AA-N ELM-TECH-ELM34605AA-N Datasheet
1,011Kb / 7P
   Complementary MOSFET
ELM36601EA-S ELM-TECH-ELM36601EA-S Datasheet
496Kb / 7P
   Complementary MOSFET
logo
ELM Electronics
ELM34601AA-N ELM-ELM34601AA-N Datasheet
1Mb / 7P
   Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com