Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A16F Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # 1A16F
Description  PHOTO FLASH RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1A16F Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  1A16F Datasheet HTML 1Page - Diode Semiconductor Korea 1A16F Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1A10F --- 1A18F
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
NOTES:1.RISETIME= 7ns MAX.INPUTIMPEDANCE=1M . 22pF.
Ggggggggg 2.RISETIME=10ns MAX.SOURCEIMPEDANCE=50 .
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- PEAK FORWARD SURGE CURRENT
FIG.3 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SETTIMEBASEFOR50/100 ns/cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
trr
1cm
+0 .5 A
0
-0 .25A
-1 .0 A
0
.2
.4
.6
.8
0
25
50
75
100
125
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375"(9.5mm) Lead Length
1.0
200
175
0
1
10
100
     TJ=125
8.3ms Single Half
Sine-Wave
10
20
30
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - 1A16F

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1A16F BILIN-1A16F Datasheet
149Kb / 2P
   PHOTO FLASH RECTIFIER
logo
Shenzhen Luguang Electr...
1A16F LUGUANG-1A16F Datasheet
206Kb / 2P
   Photo Flash Rectifiers
More results

Similar Description - 1A16F

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
1F10 DSK-1F10 Datasheet
302Kb / 2P
   PHOTO FLASH RECTIFIERS
logo
Shenzhen Luguang Electr...
1F10 LUGUANG-1F10 Datasheet
197Kb / 2P
   Photo Flash Rectifiers
1A10F LUGUANG-1A10F Datasheet
206Kb / 2P
   Photo Flash Rectifiers
logo
Galaxy Semi-Conductor H...
1F10 BILIN-1F10_15 Datasheet
296Kb / 2P
   PHOTO FLASH RECTIFIERS
1A10F BILIN-1A10F Datasheet
149Kb / 2P
   PHOTO FLASH RECTIFIER
1F10 BILIN-1F10 Datasheet
72Kb / 2P
   PHOTO FLASH RECTIFIER
logo
NXP Semiconductors
AN10712 PHILIPS-AN10712_15 Datasheet
219Kb / 14P
   Photo flash LED driver
Rev. 1-28 October 2011
SSL3250A NXP-SSL3250A Datasheet
147Kb / 26P
   Photo flash dual LED driver
Rev. 03-30 June 2009
SSL3250A_0912 NXP-SSL3250A_0912 Datasheet
230Kb / 26P
   Photo flash dual LED driver
Rev. 05-16 December 2009
logo
RUBYCON CORPORATION
FKX RUBYCON-FKX Datasheet
60Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com