Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC7201ZAXR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TDC7201ZAXR
Description  TDC7201 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR, Range Finders, and ADAS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDC7201ZAXR Datasheet(HTML) 3 Page - Texas Instruments

  TDC7201ZAXR Datasheet HTML 1Page - Texas Instruments TDC7201ZAXR Datasheet HTML 2Page - Texas Instruments TDC7201ZAXR Datasheet HTML 3Page - Texas Instruments TDC7201ZAXR Datasheet HTML 4Page - Texas Instruments TDC7201ZAXR Datasheet HTML 5Page - Texas Instruments TDC7201ZAXR Datasheet HTML 6Page - Texas Instruments TDC7201ZAXR Datasheet HTML 7Page - Texas Instruments TDC7201ZAXR Datasheet HTML 8Page - Texas Instruments TDC7201ZAXR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
1
2
3
4
5
E
D
C
B
A
Not to scale
STOP2
GND2
DOUT2
VREG2
CSB2
START2
TRIGG2
INTB2
DNC
DIN
CLOCK
DNC
DNC
VDD2
DOUT1
STOP1
GND1
INTB1
VDD1
CSB1
START1
TRIGG1
ENABLE
VREG1
SCLK
3
TDC7201
www.ti.com
SNAS686 – MAY 2016
Product Folder Links: TDC7201
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
ZAX Package
25-Pin nFBGA
Bottom View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
A1
START1
Input
START signal for TDC1
A2
TRIGG1
Output
Trigger output signal for TDC1
A3
ENABLE
Input
Enable signal to TDC
A4
VREG1
Output
LDO output terminal for external decoupling cap
A5
SCLK
Input
SPI clock
B1
STOP1
Input
STOP signal for TDC1
B2
GND1
Ground
Ground
B3
INTB1
Output
Interrupt to MCU for TDC1, active low (open drain)
B4
VDD1
Power
Supply input
B5
CSB1
Input
SPI chip select for TDC1, active low
C1
CLOCK
Input
Clock input to TDC
C2
DNC
Do not connect
C3
DNC
Do not connect
C4
VDD2
Power
Supply input
C5
DOUT1
Output
SPI data output for TDC1
D1
START2
Input
START signal for TDC2
D2
TRIGG2
Output
Trigger output signal for TDC2
D3
INTB2
Output
Interrupt to MCU for TDC2, active low (open drain)
D4
DNC
Do not connect
D5
DIN
Input
SPI data input
E1
STOP2
Input
STOP signal for TDC2
E2
GND2
Ground
Ground
E3
DOUT2
Output
SPI data output for TDC2
E4
VREG2
Output
LDO output terminal for external decoupling cap
E5
CSB2
Input
SPI chip select for TDC2, active low


Similar Part No. - TDC7201ZAXR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC7200 TI1-TDC7200 Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200EVM TI1-TDC7200EVM Datasheet
13Mb / 24P
[Old version datasheet]   TDC7200EVM User?셲 Guide
TDC7200PW TI1-TDC7200PW Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200PWR TI1-TDC7200PWR Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
More results

Similar Description - TDC7201ZAXR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
logo
Espros Photonics corp
EPC600 EPC-EPC600 Datasheet
650Kb / 30P
   Time-of-flight range-finder chip
logo
ASM GmbH
PD-TDC-24VDC ASM-SENSOR-PD-TDC-24VDC Datasheet
168Kb / 4P
   Digital Process Meter for Time-of-Flight Sensors
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Banner Engineering Corp...
LT3BD BANNER-LT3BD Datasheet
396Kb / 9P
   LT3BD Long-Range Time-of-Flight Laser Sensor
LT7 BANNER-LT7 Datasheet
976Kb / 20P
   LT7 Long-Range Time-of-Flight Laser Sensor
logo
STMicroelectronics
VL53L4CX STMICROELECTRONICS-VL53L4CX Datasheet
2Mb / 38P
   Time-of-Flight sensor with extended range measurement
June 2022 Rev 3
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com