Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFP201A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TFP201A
Description  Supports SXGA Resolution
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP201A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TFP201A Datasheet HTML 5Page - Texas Instruments TFP201A Datasheet HTML 6Page - Texas Instruments TFP201A Datasheet HTML 7Page - Texas Instruments TFP201A Datasheet HTML 8Page - Texas Instruments TFP201A Datasheet HTML 9Page - Texas Instruments TFP201A Datasheet HTML 10Page - Texas Instruments TFP201A Datasheet HTML 11Page - Texas Instruments TFP201A Datasheet HTML 12Page - Texas Instruments TFP201A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TFP201, TFP201A
TI PanelBus DIGITAL RECEIVER
SLDS116A - MARCH 2000 − REVISED JUNE 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
PD
QE(0-23), QO(0-23),
ODCK, DE, CTL(1-3),
HSYNC, VSYNC, SCDT
tpd(PDL)
PDO
QE(0-23), QO(0-23),
ODCK, DE, CTL(2-3),
HSYNC, VSYNC
tpd(PDOL)
VIL
VIL
Figure 7. Delay From PD Low to Hi-Z Outputs
Figure 8. Delay From PDO Low to Hi-Z Outputs
PD
DFO, ST, PIXS, STAG,
Rx(0-2)+, Rx(0-2)-,
OCK_INV
VIH
tp(PDH-V)
twL(PDL_MIN)
PD
Figure 9. Delay From PD Low to High Before
Inputs are Active
Figure 10. Minimum Time PD Low
VIL
tccs
50%
50%
TX2
TX1
TX0
Figure 11. Analog Input Channel-to-Channel Skew
tt(HSC)
tt(FSC)
DE
SCDT
Figure 12. Time Between DE Transitions to SCDT Low and SCDT High
tDEL
tDEH
DE
Figure 13. Minimum DE Low and Maximum DE High
Not Recommended for New Designs


Similar Part No. - TFP201A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP201APZP TI-TFP201APZP Datasheet
286Kb / 18P
[Old version datasheet]   TI PANEL BUS DIGITAL RECEIVER
More results

Similar Description - TFP201A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP101 TI1-TFP101_14 Datasheet
547Kb / 21P
[Old version datasheet]   Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
logo
List of Unclassifed Man...
MTL007 ETC2-MTL007 Datasheet
291Kb / 65P
   SXGA Flat Panel Controller
logo
LG Semicon Co.,Ltd.
LB170E01-SL01 LG-LB170E01-SL01 Datasheet
1Mb / 33P
   17??SXGA TFT LCD
logo
List of Unclassifed Man...
MTL003 ETC-MTL003 Datasheet
447Kb / 64P
   SXGA Flat Panel Controller
logo
THine Electronics, Inc.
THC63LVD823 THINE-THC63LVD823 Datasheet
227Kb / 16P
   Single(135MHz)/Dual(170MHz) Link LVDS Transmitter for SXGA/SXGA/UXGA
logo
LG Semicon Co.,Ltd.
LM170E01 LG-LM170E01 Datasheet
614Kb / 28P
   17.0 SXGA TFT LCD
logo
AAEON Technology
AMB-280A AAEON-AMB-280A Datasheet
761Kb / 2P
   18" TFT SXGA LCD
logo
Axiomtek Co., Ltd.
GOT5100T-832 AXIOMTEK-GOT5100T-832 Datasheet
352Kb / 2P
   Supports RFID
logo
List of Unclassifed Man...
561-DMSP250 ETC2-561-DMSP250 Datasheet
79Kb / 2P
   PCB Supports
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com