Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL255 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # RL255
Description  PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RL255 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  RL255 Datasheet HTML 1Page - Diode Semiconductor Korea RL255 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Low leakage
Low forward voltage drop
High current capability
and similar solvents
MECHANICAL DATA
Case:JEDEC R-3,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method208
Polarity: Color band denotes cathode end
Weight:0.021 ounces,0.58 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate current by 20%.
RL
253
RL
254
RL
255
RL
256
RL
257
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average f orw ard rectified current
9.5mm lead length @T
A=75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimpoded on ratde load @T
J=125
Maximum instantaneous f orw ard voltage
@ 2.5 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note1)
CJ
pF
Typical thermal resistance
(Note2)
R JA
/W
Operaring junction temperature range
TJ
Storage temperature range
TSTG
50
R - 3
Mounting position: Any
100
70
RL
251
RL
252
50
5.0
A
A
-55----+150
25
RL251---RL257
A
IF(AV)
2.5
PLASTIC SILICON RECTIFIERS
Easily cleaned with Freon,Alcohol,Isopropanol
The plastic material carries U/L recognition 94V-0
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 2.5 A
35
100
1.1
2. Thermal resistance f rom junction to ambient.
50.0
150.0
IFSM
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
-55----+150
30
IR
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - RL255

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL255 RECTRON-RL255 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
SEMTECH ELECTRONICS LTD...
RL255 SEMTECH_ELEC-RL255 Datasheet
209Kb / 1P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
Microdiode Electronics ...
RL255 CHENDA-RL255 Datasheet
546Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
GOOD-ARK Electronics
RL255 GOOD-ARK-RL255 Datasheet
199Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
RL255 CHENYI-RL255 Datasheet
48Kb / 3P
   2.5Amp silicon rectifier 50to1000 volts
More results

Similar Description - RL255

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com