Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1040IPWR Datasheet(PDF) 11 Page - Texas Instruments

Part # THS1040IPWR
Description  CMOS ANALOG-TO-DIGITAL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1040IPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS1040IPWR Datasheet HTML 7Page - Texas Instruments THS1040IPWR Datasheet HTML 8Page - Texas Instruments THS1040IPWR Datasheet HTML 9Page - Texas Instruments THS1040IPWR Datasheet HTML 10Page - Texas Instruments THS1040IPWR Datasheet HTML 11Page - Texas Instruments THS1040IPWR Datasheet HTML 12Page - Texas Instruments THS1040IPWR Datasheet HTML 13Page - Texas Instruments THS1040IPWR Datasheet HTML 14Page - Texas Instruments THS1040IPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
11
www.ti.com
TYPICAL CHARACTERISTICS
Figure 13
70
90
110
4
8
12
16
20
24
28
32
36
40
44
Int. Ref
TA = 25°C
Ext. Ref
TA = 25°C
AVDD = 3 V,
Vref = 1 V
POWER DISSIPATION
vs
SAMPLE RATE
fs − Sample Rate − MSPS
Figure 14
24
26
28
30
32
34
36
0
5
10
15
20
25
30
35
40
45
Int. Ref
TA = 25°C
Ext. Ref
TA = 25°C
TOTAL CURRENT
vs
CLOCK FREQUENCY
AVDD = 3 V
Vref = 1 V
fclk − Clock Frequency − MHz
Figure 15
−8
−6
−4
−2
0
2
4
10
100
300
500
700
900
1100
INPUT BANDWIDTH
fi − Input Frequency − MHz
AVDD = 3 V
DVDD = 3 V
fs = 40 MSPS
NOTE: No series resistors and no bypass capacitors at AIN+ and AIN− inputs.
See Note
Not Recommended For New Designs


Similar Part No. - THS1040IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1040IPWR TI-THS1040IPWR Datasheet
545Kb / 32P
[Old version datasheet]   3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
THS1040IPWRG4 TI-THS1040IPWRG4 Datasheet
545Kb / 32P
[Old version datasheet]   3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
More results

Similar Description - THS1040IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
   CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com