Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3001 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS3001
Description  LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3001 Datasheet(HTML) 4 Page - Texas Instruments

  THS3001 Datasheet HTML 1Page - Texas Instruments THS3001 Datasheet HTML 2Page - Texas Instruments THS3001 Datasheet HTML 3Page - Texas Instruments THS3001 Datasheet HTML 4Page - Texas Instruments THS3001 Datasheet HTML 5Page - Texas Instruments THS3001 Datasheet HTML 6Page - Texas Instruments THS3001 Datasheet HTML 7Page - Texas Instruments THS3001 Datasheet HTML 8Page - Texas Instruments THS3001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
THS3061
THS3062
SLOS394B – JULY 2002 – REVISED NOVEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
At VS = ±15 V: Rf = 560 Ω, RL = 150 Ω, and G = 2, unless otherwise noted.
THS3061, THS3062
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
–40°C
MIN/
0°C to
+25°C
+25°C
to
UNITS
TYP/
+70°C
+85°C
MAX
AC PERFORMANCE
G = 1, Rf = 750Ω
300
Small-signal bandwidth
G = 2, Rf = 560 Ω
275
(VO = 100 mVPP,
MHz
Typ
G = 5, Rf = 357 Ω
260
Peaking < 0.3 dB)
G = 10, Rf = 200 Ω
220
Bandwidth for 0.1-dB flatness
G = 2, VO = 100mVPP
120
MHz
Typ
Peaking at a gain of 1
VO = 100 mVPP
0.3
dB
Typ
Large-signal bandwidth
G = 2, VO = 4 VPP
120
MHz
Typ
G = 5, 20 V-Step
7000
Slew rate (25% to 75% level)
V/
μs
Typ
G = 2, 10 V-Step
5700
Rise and fall time
G = 2, VO = 10 V-Step
1
ns
Typ
0.1%
30
ns
Typ
Settling
G = –2, VO = 2 V-Step
time to
0.01%
125
ns
Typ
Harmonic distortion
RL = 150 Ω
–78
2nd order harmonic
dBc
Typ
RL = 1 kΩ
–73
G = 2, f = 10 MHz,
VO = 2 VPP
RL = 150 Ω
–81
3rd order harmonic
dBc
Typ
RL = 1 kΩ
–82
G = 2, fc = 10 MHz,
3rd order intermodulation distortion
–93
dBc
Typ
VO = 2 VPP(envelope) Δf = 200 kHz
Input voltage noise
f > 10 kHz
2.6
nV/
√Hz
Typ
Input current noise (noninverting)
20
pA/
√Hz
Typ
f > 10 kHz
Input current noise (inverting)
36
pA/
√Hz
Typ
Differential gain (NTSC, PAL)
0.02%
Typ
G = 2, RL = 150 Ω
Differential phase (NTSC, PAL)
0.01°
Typ
DC PERFORMANCE
Open-loop transimpedance gain
VO = 0 V, RL = 1 kΩ
1
0.7
0.6
0.6
M
Min
Input offset voltage
±0.7
±3.5
±4.4
±4.5
mV
Max
Average offset voltage drift
±10
±10
μV/°C
Typ
Input bias current (inverting)
±2.0
±20
±32
±35
μA
Max
Average bias current drift (–)
VCM = 0 V
±25
±30
nA/°C
Typ
Input bias current (noninverting)
±6.0
±25
±38
±40
A
Max
Average bias current drift (+)
±45
±50
nA/°C
Typ
INPUT
Common-mode input range
±13.9
±13.1
±13.1
±13.1
V
Min
Common-mode rejection ratio
VCM = ±0.5 V
72
60
58
58
dB
Min
Noninverting
518
k
Typ
Input resistance
Inverting
71
Typ
Input capacitance
Noninverting
1
pF
Typ
4
Submit Documentation Feedback
Copyright © 2002–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3061 THS3062


Similar Part No. - THS3001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI-THS3001 Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3001 TI1-THS3001 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
838Kb / 28P
[Old version datasheet]   900-MHz, High-Power Output, Current Feedback Amplifier
THS3001 TI-THS3001 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
More results

Similar Description - THS3001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3062DGNR TI1-THS3062DGNR Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3061 TI-THS3061 Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com