Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3112 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS3112
Description  LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3112 Datasheet(HTML) 5 Page - Texas Instruments

  THS3112 Datasheet HTML 1Page - Texas Instruments THS3112 Datasheet HTML 2Page - Texas Instruments THS3112 Datasheet HTML 3Page - Texas Instruments THS3112 Datasheet HTML 4Page - Texas Instruments THS3112 Datasheet HTML 5Page - Texas Instruments THS3112 Datasheet HTML 6Page - Texas Instruments THS3112 Datasheet HTML 7Page - Texas Instruments THS3112 Datasheet HTML 8Page - Texas Instruments THS3112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
THS3061
THS3062
www.ti.com
SLOS394B – JULY 2002 – REVISED NOVEMBER 2009
ELECTRICAL CHARACTERISTICS (continued)
At VS = ±15 V: Rf = 560 Ω, RL = 150 Ω, and G = 2, unless otherwise noted.
THS3061, THS3062
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
–40°C
MIN/
0°C to
+25°C
+25°C
to
UNITS
TYP/
+70°C
+85°C
MAX
OUTPUT
RL = 1 kΩ
±13.7
±13.4
±13.4
±13.3
Voltage output swing
V
Min
RL = 150 Ω
±13
±12.6
±12.4
±12.3
Current output, sourcing
RL = 50 Ω
145
140
135
130
mA
Min
Current output, sinking
RL = 50 Ω
–145
–140
–135
–130
mA
Min
POWER SUPPLY
Closed-loop output impedance
G = 1, f = 1 MHz
0.1
Typ
Specified operating voltage
±15
V
Typ
Maximum operating voltage
±16.5
±16.5
±16.5
V
Max
Maximum quiescent current/channel
8.3
10
11.7
12
mA
Max
Minimum quiescent current/channel
8.3
6.1
6
6
mA
Min
Power-supply rejection (+PSRR)
VS+ = 14.50 V to 15.50 V
76
65
63
63
dB
Min
Power-supply rejection (–PSRR)
VS– = –14.50 V to –15.50 V
74
65
63
63
dB
Min
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS3061 THS3062


Similar Part No. - THS3112

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3112CD TI1-THS3112CD Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
THS3112CDDA TI1-THS3112CDDA Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
THS3112CDDAG3 TI1-THS3112CDDAG3 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
THS3112CDG4 TI1-THS3112CDG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
More results

Similar Description - THS3112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3062DGNR TI1-THS3062DGNR Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3061 TI-THS3061 Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com