Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1403IPFB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS1403IPFB
Description  14-BIT, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1403IPFB Datasheet(HTML) 2 Page - Texas Instruments

  THS1403IPFB Datasheet HTML 1Page - Texas Instruments THS1403IPFB Datasheet HTML 2Page - Texas Instruments THS1403IPFB Datasheet HTML 3Page - Texas Instruments THS1403IPFB Datasheet HTML 4Page - Texas Instruments THS1403IPFB Datasheet HTML 5Page - Texas Instruments THS1403IPFB Datasheet HTML 6Page - Texas Instruments THS1403IPFB Datasheet HTML 7Page - Texas Instruments THS1403IPFB Datasheet HTML 8Page - Texas Instruments THS1403IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
THS1401
THS1403
THS1408
SLAS248D − DECEMBER 1999 − REVISED SEPTEMBER 2005
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range unless otherwise noted.(1)
Supply voltage, (AVDD to AGND)
4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, (DVDD to DGND)
4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage range, VBG
− 0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range
− 0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
− 0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: C-suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I-suffix
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Q-suffix
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M-suffix
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
A[1:0]
40, 41
I
Address input
AGND
7,8, 44, 45, 46
Analog ground
AVDD
2, 43, 47
Analog power supply
CLK
32
I
Clock input
CML
4
Reference midpoint. This pin requires a 0.1-
µF capacitor to AGND.
CS
37
I
Chip select input. Active low.
DGND
9, 15, 25, 33, 34
Digital ground
DVDD
14, 20, 26, 30, 31, 42
Digital power supply
D[13:0]
11, 12, 13, 16, 17, 18,
19, 21, 22, 23, 24, 27,
28, 29
I/O
Data inputs/outputs
NC
38, 39
No connection; do not use. Reserved.
IN+
48
I
Positive differential analog input
IN−
1
I
Negative differential analog input
OE
35
I
Output enable. Active low.
OV
10
O
Out-of-range output
REF+
5
O
Positive reference output. This pin requires a 0.1-
µF capacitor to AGND.
REF−
6
O
Negative reference output. This pin requires a 0.1-
µF capacitor to AGND.
VBG
3
I
Reference input. This pin requires a 1-
µF capacitor to AGND.
WR
36
I
Write signal. Active low.


Similar Part No. - THS1403IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1403IPFB TI-THS1403IPFB Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1403IPFB TI-THS1403IPFB Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1403IPFBG4 TI-THS1403IPFBG4 Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
More results

Similar Description - THS1403IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401 TI-THS1401_07 Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401-EP TI-THS1401-EP Datasheet
646Kb / 27P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401 TI-THS1401 Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS14F01 TI-THS14F01 Datasheet
317Kb / 23P
[Old version datasheet]   14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS WITH FIFO INTERNAL REFERENCE AND PGA
THS1408-EP TI1-THS1408-EP_14 Datasheet
493Kb / 28P
[Old version datasheet]   14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com