Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1408IPFB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS1408IPFB
Description  14-BIT, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1408IPFB Datasheet(HTML) 5 Page - Texas Instruments

  THS1408IPFB Datasheet HTML 1Page - Texas Instruments THS1408IPFB Datasheet HTML 2Page - Texas Instruments THS1408IPFB Datasheet HTML 3Page - Texas Instruments THS1408IPFB Datasheet HTML 4Page - Texas Instruments THS1408IPFB Datasheet HTML 5Page - Texas Instruments THS1408IPFB Datasheet HTML 6Page - Texas Instruments THS1408IPFB Datasheet HTML 7Page - Texas Instruments THS1408IPFB Datasheet HTML 8Page - Texas Instruments THS1408IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
THS1401
THS1403
THS1408
SLAS248D − DECEMBER 1999 − REVISED SEPTEMBER 2005
www.ti.com
5
ELECTRICAL CHARACTERISTICS
Over operating free-air temperature range, AVDD = DVDD = 3.3V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
IDDA
Analog supply current
AVDD = 3.6 V
81
90
mA
IDDD
Digital supply current
DVDD = 3.6 V
5
10
mA
Power
AVDD = DVDD = 3.6 V
270
360
mW
Power down current
20
µA
DC Characteristics
Resolution
14
Bits
DNL
Differential nonlinearity
±0.6
±1
LSB
THS1401
±1.5
±2.5
THS1403C/I
±1.5
±2.5
INL
Integral nonlinearity
THS1403Q
Best fit
±2
±3
LSB
INL
Integral nonlinearity
THS1408C/I
Best fit
±3
±5
LSB
THS1408Q/M
±3.5
±7.5
Offset error
IN+ = IN−, PGA = 0 dB
0.3
%FSR
Gain error
C and I suffix
PGA = 0 dB
1
%FSR
Gain error
Q and M suffix
PGA = 0 dB
1.75
%FSR
AC Characteristics
ENOB
Effective number of bits
11.2
11.5
Bits
THS1401/3/8
fi = 100 kHz
−81
THD
Total harmonic distortion
THS1403/8
fi = 1 MHz
−78
dB
THD
Total harmonic distortion
THS1408
fi = 4 MHz
−77
dB
THS1401/3/8
fi = 100 kHz
72
SNR
Signal-to-noise ratio
THS1403/8
fi = 1 MHz
70
72
dB
SNR
Signal-to-noise ratio
THS1408
fi = 4 MHz
71
dB
THS1401/3/8
fi = 100 kHz
70
SINAD
Signal-to-noise ratio + distortion
THS1403/8
fi = 1 MHz
69
70
dB
SINAD
Signal-to-noise ratio + distortion
THS1408
fi = 4 MHz
70
dB
THS1401/3/8
fi = 100 kHz
80
SFDR
Spurious-free dynamic range
THS1403C/I, THS1408C/I
fi = 1 MHz
73
80
dB
SFDR
Spurious-free dynamic range
THS1403Q, THS1408Q/M
fi = 1 MHz
71
80
dB
THS1408
fi = 4 MHz
80
Analog input bandwidth
140
MHz


Similar Part No. - THS1408IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1408IPFB TI-THS1408IPFB Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1408IPFB TI-THS1408IPFB Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1408IPFBG4 TI-THS1408IPFBG4 Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
More results

Similar Description - THS1408IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401 TI-THS1401_07 Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401-EP TI-THS1401-EP Datasheet
646Kb / 27P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401 TI-THS1401 Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS14F01 TI-THS14F01 Datasheet
317Kb / 23P
[Old version datasheet]   14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS WITH FIFO INTERNAL REFERENCE AND PGA
THS1408-EP TI1-THS1408-EP_14 Datasheet
493Kb / 28P
[Old version datasheet]   14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com