Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3120CDGNG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS3120CDGNG4
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3120CDGNG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS3120CDGNG4 Datasheet HTML 6Page - Texas Instruments THS3120CDGNG4 Datasheet HTML 7Page - Texas Instruments THS3120CDGNG4 Datasheet HTML 8Page - Texas Instruments THS3120CDGNG4 Datasheet HTML 9Page - Texas Instruments THS3120CDGNG4 Datasheet HTML 10Page - Texas Instruments THS3120CDGNG4 Datasheet HTML 11Page - Texas Instruments THS3120CDGNG4 Datasheet HTML 12Page - Texas Instruments THS3120CDGNG4 Datasheet HTML 13Page - Texas Instruments THS3120CDGNG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
-90
-80
-70
-60
-50
-40
-30
1 M
10 M
100 M
f - Frequency - Hz
G = 2,
RF = 649 Ω,
RL = 499 Ω
VO = 2 VPP,
RL = 50 Ω,
VS = ±15 V
100 k
-100
G = 2,
RF = 649 Ω
G = 5,
RF = 499 Ω
-90
-80
-70
-60
-50
-40
0
1
2
3
4
5
6
7
8
9
10
VO - Output Voltage Swing - VPP
Gain = 2,
RF = 649 Ω,
f = 8 MHz
VS = ±15 V
HD2, RL = 50 Ω
HD3, RL = 499Ω
HD2, RL = 499Ω
HD3, RL = 50 Ω
-100
-95
-90
-85
-80
-75
-70
0
1
2
3
4
5
6
7
8
9
10
VO - Output Voltage Swing - VPP
Gain = 2,
RF = 649 Ω,
f= 1 MHz
VS = ±15 V
HD2, RL = 499Ω
HD3, RL = 50Ω
HD3, RL = 499Ω
HD2, RL = 50Ω
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5
5
VO − Output Voltage −VPP
Gain = 1
RL = 50 Ω
RF = 806 Ω
VS = ±15 V
Fall
Rise
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
1
2
3
4
5
6
7
8
9
10
VO − Output Voltage −VPP
Fall
Rise
Gain = 2
RL = 50 Ω
RF = 649 Ω
VS = ±15 V
1
10
100
0.01
0.1
1
10
100
f - Frequency - kHz
In-
In+
Vn
−1.25
−1
−0.75
−0.5
−0.25
0
0.25
0.5
0.75
1
1.25
0
2
4
6
8
10
12
14
16
t − Time − ns
Gain = −2
RL = 50 Ω
RF = 499 Ω
VS = ±15 V
Rising Edge
Falling Edge
−4.5
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
2
4
6
8
10
12
14 16
t − Time − ns
Gain = −2
RL = 50 Ω
RF = 499 Ω
VS = ±15 V
Rising Edge
Falling Edge
0
1
2
3
4
5
6
7
8
9
10
2
3
4
5
6
7
8
9
10 11 12 13 14 15
VS - Supply Voltage - ±V
TA = 25 °C
TA = -40 °C
TA = 85 °C
THS3120
THS3121
SLOS420E – SEPTEMBER 2003 – REVISED OCTOBER 2009........................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (±15 V) (continued)
blank
3rd HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
Figure 10.
Figure 11.
Figure 12.
SLEW RATE
SLEW RATE
NOISE
vs
vs
vs
OUTPUT VOLTAGE STEP
OUTPUT VOLTAGE STEP
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
QUIESCENT CURRENT
vs
SETTLING TIME
SETTLING TIME
SUPPLY VOLTAGE
Figure 16.
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3120 THS3121


Similar Part No. - THS3120CDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120CDGNG4 TI1-THS3120CDGNG4 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3120CDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com