Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3120CDGNR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS3120CDGNR
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3120CDGNR Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS3120CDGNR Datasheet HTML 5Page - Texas Instruments THS3120CDGNR Datasheet HTML 6Page - Texas Instruments THS3120CDGNR Datasheet HTML 7Page - Texas Instruments THS3120CDGNR Datasheet HTML 8Page - Texas Instruments THS3120CDGNR Datasheet HTML 9Page - Texas Instruments THS3120CDGNR Datasheet HTML 10Page - Texas Instruments THS3120CDGNR Datasheet HTML 11Page - Texas Instruments THS3120CDGNR Datasheet HTML 12Page - Texas Instruments THS3120CDGNR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
0
1
2
3
4
5
6
7
8
9
1 M
10 M
100 M
1 G
f − Frequency − Hz
RF = 475 Ω
RF = 649 Ω
RF = 750 Ω
Gain = 2,
RL = 50 Ω,
VO = 0.2 VPP,
VS = ±15 V
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
24
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
G = 1, RF = 806 Ω
G = 10, RF = 301 Ω
G = 5, RF = 499 Ω
G = 2, RF = 649 Ω
RL = 50 Ω,
VO = 0.2 VPP,
VS = ±15 V
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = -1, RF = 681 Ω
G = -10, RF = 365 Ω
G = -5, RF = 499 Ω
G = -2, RF = 681 Ω
RL = 50 Ω,
VO = 0.2 VPP,
VS = ±15 V
0
2
4
6
8
10
12
14
16
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
G = 5, RF = 499 Ω
G = 2, RF = 681 Ω
RL = 50 Ω,
VO = 2 VPP,
VS = ±15 V
5.7
5.8
5.9
6
6.1
6.2
6.3
100 k
1 M
10 M
100 M
Gain = 2,
RF = 562 Ω,
RL = 50 Ω,
VO = 0.2 VPP,
VS = ±15 V
f - Frequency - Hz
-4
-2
0
2
4
6
8
10
12
14
16
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = -5, RF = 499 Ω
G =-1, RF = 681 Ω
RL = 50 Ω,
VO = 2 VPP,
VS = ±15 V
-2
0
2
4
6
8
10
12
14
16
10 M
100 M
Capacitive Load - Hz
Gain = 5,
RL = 50 Ω
VS = ±15 V
R(ISO) = 49.9 Ω CL = 10 pF
R(ISO) = 40.2 Ω
CL = 22 pF
R(ISO) = 30 Ω
CL = 47 pF
R(ISO) = 20 Ω
CL = 100 pF
0
10
20
30
40
50
60
10
100
CL − Capacitive Load − pF
Gain = 5,
RL = 50 Ω,
VS = ±15 V
-90
-80
-70
-60
-50
-40
-30
1 M
10 M
100 M
f - Frequency - Hz
G = 2,
RF = 649 Ω
G = 2, RF = 649 Ω,
RL = 499 Ω
VO = 2 VPP,
RL = 50 Ω,
VS = ±15 V
G = 5,
RF = 499 Ω
-100
100 k
THS3120
THS3121
www.ti.com........................................................................................................................................ SLOS420E – SEPTEMBER 2003 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (±15 V)
blank
NONINVERTING SMALL-SIGNAL
NONINVERTING SMALL-SIGNAL
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
Figure 3.
NONINVERTING LARGE-SIGNAL
INVERTING LARGE-SIGNAL
0.1-dB FLATNESS
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 4.
Figure 5.
Figure 6.
RECOMMENDED RISO
2nd HARMONIC DISTORTION
FREQUENCY RESPONSE
vs
vs
CAPACITIVE LOAD
CAPACITIVE LOAD
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS3120 THS3121


Similar Part No. - THS3120CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120CDGNR TI-THS3120CDGNR Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120CDGNR TI1-THS3120CDGNR Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120CDGNRG4 TI1-THS3120CDGNRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3120CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com