Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3061DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS3061DR
Description  LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3061DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS3061DR Datasheet HTML 4Page - Texas Instruments THS3061DR Datasheet HTML 5Page - Texas Instruments THS3061DR Datasheet HTML 6Page - Texas Instruments THS3061DR Datasheet HTML 7Page - Texas Instruments THS3061DR Datasheet HTML 8Page - Texas Instruments THS3061DR Datasheet HTML 9Page - Texas Instruments THS3061DR Datasheet HTML 10Page - Texas Instruments THS3061DR Datasheet HTML 11Page - Texas Instruments THS3061DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
-4
-3
-2
-1
0
1
2
3
100 k
1 M
10 M
100M
1 G
f - Frequency - Hz
G = 1
VCC = ±5 V
RL = 150 Ω
VI = 100 mVPP
Rf 500 Ω
Rf 750 Ω
Rf 1 kΩ
-4
-3
-2
-1
0
1
2
3
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 1
VCC = ±5 V
RL = 1 kΩ
VI = 100 mVPP
Rf 500 Ω
Rf 750 Ω
Rf 1 kΩ
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 1
VCC = ±15 V
RL = 150 Ω
VI = 100 mVPP
Rf 500 Ω
Rf 750 Ω
Rf 1 kΩ
-4
-3
-2
-1
0
1
2
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 2
VCC = ±15, ±5 V
RL = 1 kΩ
VI = 100 mVPP
Rf 357 Ω
Rf 560 Ω
Rf 1 kΩ
5
0
1
2
3
4
6
7
8
9
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 1
VCC = ±15 V
RL = 1 kΩ
VI = 100 mVPP
Rf 500 Ω
Rf 750 Ω
Rf 1 kΩ
-4
-3
-2
-1
0
1
2
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 2
VCC = ±15, ±5 V
RL = 150 Ω
VI = 100 mVPP
Rf 357 Ω
Rf 560 Ω
Rf 1 kΩ
-4
-2
0
2
4
6
8
10
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 5
VCC = ±5 V
RL = 150 Ω
VI = 100 mVPP
Rf 200 Ω
8
10
12
14
16
18
Rf 560 Ω
Rf 383 Ω
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 5
VCC = ±15 V
RL = 1 kΩ
VI = 100 mVPP
Rf 200 Ω
8
10
12
14
16
18
Rf 560 Ω
Rf 357 Ω
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 5
VCC = ±15 V
RL = 150 Ω
VI = 100 mVPP
Rf 200 Ω
8
10
12
14
16
18
Rf 560 Ω
Rf 357 Ω
THS3061
THS3062
SLOS394B – JULY 2002 – REVISED NOVEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS
SMALL-SIGNAL
SMALL-SIGNAL
SMALL-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 3.
Figure 4.
Figure 5.
SMALL-SIGNAL
SMALL-SIGNAL
SMALL-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 6.
Figure 7.
Figure 8.
SMALL-SIGNAL
SMALL-SIGNAL
SMALL-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 9.
Figure 10.
Figure 11.
8
Submit Documentation Feedback
Copyright © 2002–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3061 THS3062


Similar Part No. - THS3061DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3061DR TI1-THS3061DR Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3061DRG4 TI1-THS3061DRG4 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3061DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3062DGNR TI1-THS3062DGNR Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3061 TI-THS3061 Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com