Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3001 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS3001
Description  2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3001 Datasheet(HTML) 1 Page - Texas Instruments

  THS3001 Datasheet HTML 1Page - Texas Instruments THS3001 Datasheet HTML 2Page - Texas Instruments THS3001 Datasheet HTML 3Page - Texas Instruments THS3001 Datasheet HTML 4Page - Texas Instruments THS3001 Datasheet HTML 5Page - Texas Instruments THS3001 Datasheet HTML 6Page - Texas Instruments THS3001 Datasheet HTML 7Page - Texas Instruments THS3001 Datasheet HTML 8Page - Texas Instruments THS3001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
DGK-8
DGN-8
D-8
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
100k
1 M
10M
100M
1G
10G
V
=4V
O
PP
V
=2V
O
PP
V
=1V
O
PP
V
=0.25V
O
PP
G=2
V
=
5
±
CC
R =100 W
L
f
Frequency
-
- Hz
LARGE-SIGNAL
FREQUENCYRESPONSE
THS3202
www.ti.com
SLOS242F – SEPTEMBER 2002 – REVISED JANUARY 2010
2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
Check for Samples: THS3202
1
FEATURES
DESCRIPTION
23
Unity-Gain Bandwidth: 2 GHz
The THS3202 is a dual current-feedback amplifier
developed with BiCOM-II technology. Designed for
High Slew Rate: 9000 V/µs
low distortion with a high slew rate of 9000 V/µs, the
High Output Current: ±115 mA into 20
Ω RL
THS320x family is ideally suited for applications
Power-Supply Voltage Range: 6.6 V to 15 V
driving
loads
sensitive
to
distortion
at
high
frequencies.
APPLICATIONS
The
THS3202
provides
well-regulated
ac
High-Speed Signal Processing
performance
characteristics
with
power
supplies
Test and Measurement Systems
ranging from single-supply 6.6-V operation up to a
High-Voltage ADC Preamplifier
15-V supply. The high unity-gain bandwidth of up to
2 GHz is a major contributor to the excellent distortion
RF and IF Amplifier Stages
performance. The THS3202 offers an output current
Professional Video
drive of ±115 mA and a low differential gain and
phase error that make it suitable for applications such
as video line drivers.
The THS3202 is available in an SOIC-8, an MSOP-8,
and an MSOP-8 with PowerPAD™ packages.
RELATED DEVICES AND DESCRIPTIONS
THS3001
±15-V 420-MHz Low Distortion CFB Amplifier
THS3061/2
±15-V 300-MHz Low Distortion CFB Amplifier
THS3122
±15-V Dual CFB Amplifier With 350 mA Drive
THS4271
+15-V 1.4-GHz Low Distortion VFB Amplifier
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS3001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI-THS3001 Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3001 TI1-THS3001 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
838Kb / 28P
[Old version datasheet]   900-MHz, High-Power Output, Current Feedback Amplifier
THS3001 TI-THS3001 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
More results

Similar Description - THS3001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com