Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3121IDGNG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS3121IDGNG4
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3121IDGNG4 Datasheet(HTML) 1 Page - Texas Instruments

  THS3121IDGNG4 Datasheet HTML 1Page - Texas Instruments THS3121IDGNG4 Datasheet HTML 2Page - Texas Instruments THS3121IDGNG4 Datasheet HTML 3Page - Texas Instruments THS3121IDGNG4 Datasheet HTML 4Page - Texas Instruments THS3121IDGNG4 Datasheet HTML 5Page - Texas Instruments THS3121IDGNG4 Datasheet HTML 6Page - Texas Instruments THS3121IDGNG4 Datasheet HTML 7Page - Texas Instruments THS3121IDGNG4 Datasheet HTML 8Page - Texas Instruments THS3121IDGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0
1
2
3
4
5
6
7
8
Number of 150
Ω Loads
PAL
NTSC
Gain = 2,
RF = 649 Ω,
VS = ±15 V,
40 IRE − NTSC and PAL,
Worst Case
±100 IRE Ramp
+
75
75
75
75
75
n Lines
VO(1)
VO(n)
75-
Ω Transmission Line
VI
649
649
−15 V
15 V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
1
2
3
4
5
6
7
8
Number of 150
Ω Loads
PAL
NTSC
Gain = 2,
RF = 649 Ω,
VS = ±15 V,
40 IRE − NTSC and PAL,
Worst Case
±100 IRE Ramp
DIFFERENTIAL PHASE
vs
NUMBER OF LOADS
DIFFERENTIAL GAIN
vs
NUMBER OF LOADS
VIDEO DISTRIBUTION AMPLIFIER APPLICATION
THS3120
THS3121
www.ti.com........................................................................................................................................ SLOS420E – SEPTEMBER 2003 – REVISED OCTOBER 2009
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK
OPERATIONAL AMPLIFIERS
Check for Samples: THS3120 THS3121
1
FEATURES
DESCRIPTION
23
Low Noise:
The
THS3120
and
THS3121
are
low-noise,
high-voltage,
high
output
current
drive,
1 pA/
√Hz Noninverting Current Noise
current-feedback amplifiers designed to operate over
10 pA/
√Hz Inverting Current Noise
a wide supply range of ±5 V to ±15 V for today's
2.5 nV/
√Hz Voltage Noise
high-performance applications.
High Output Current Drive: 475 mA
The THS3120 offers a power saving mode by
High Slew Rate:
providing a power-down pin for reducing the 7-mA
quiescent current of the device, when the device is
1700 V/
μs (RL = 50 Ω, VO = 8 VPP)
not active.
Wide Bandwidth: 120 MHz (G = 2, RL = 50 Ω)
These
amplifiers
provide
well-regulated
ac
Wide Supply Range: ±5 V to ±15 V
performance characteristics. Most notably, the 0.1-dB
Power-Down Feature: (THS3120 Only)
flat bandwidth is exceedingly high, reaching beyond
90 MHz. The unity-gain bandwidth of 130 MHz allows
APPLICATIONS
for good distortion characteristics at 10 MHz. Coupled
Video Distribution
with high 1700-V/
μs slew rate, the THS3120 and
THS3121 amplifiers allow for high output voltage
Power FET Driver
swings at high frequencies.
Pin Driver
Capacitive Load Driver
The THS3120 and THS3121 are offered in an
SOIC-8
(D)
package
and
an
MSOP-8
(DGN)
PowerPAD™ package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS3121IDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3121IDGN TI-THS3121IDGN Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3121IDGN TI1-THS3121IDGN Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3121IDGNR TI-THS3121IDGNR Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3121IDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com