Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3202DG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # THS3202DG4
Description  2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3202DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS3202DG4 Datasheet HTML 2Page - Texas Instruments THS3202DG4 Datasheet HTML 3Page - Texas Instruments THS3202DG4 Datasheet HTML 4Page - Texas Instruments THS3202DG4 Datasheet HTML 5Page - Texas Instruments THS3202DG4 Datasheet HTML 6Page - Texas Instruments THS3202DG4 Datasheet HTML 7Page - Texas Instruments THS3202DG4 Datasheet HTML 8Page - Texas Instruments THS3202DG4 Datasheet HTML 9Page - Texas Instruments THS3202DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
THS3202
SLOS242F – SEPTEMBER 2002 – REVISED JANUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = 15 V
VS = 15 V: RF = 500 Ω, RL = 100 Ω, and G = +2, unless otherwise noted.
THS3202
TYP
OVER TEMPERATURE
0°C to
–40°C to
MIN/TYP/
PARAMETER
TEST CONDITIONS
+25°C
+25°C
+70°C
+85°C
UNITS
MAX
AC PERFORMANCE
G = +1, RF = 550 Ω
2000
MHz
Typ
G = +2, RF = 550 Ω
1100
MHz
Typ
Small-signal bandwidth, –3 dB
(VO = 100 mVPP)
G = +5, RF = 300 Ω
850
MHz
Typ
G = +10, RF = 200 Ω
750
MHz
Typ
Bandwidth for 0.1-dB flatness
G = +2, VO = 100 mVPP, RF = 536 Ω
500
MHz
Typ
Large-signal bandwidth
G = +2, VO = 4 VPP, RF = 536 Ω
1000
MHz
Typ
G = +5, 5-V step
7500
V/µs
Typ
Slew rate (25% to 75% level)
G = +2, 10-V step
9000
V/µs
Typ
Rise and fall time
G = +2, VO = 10-V step
0.45
ns
Typ
Settling time to 0.1%
G = –2, VO = 2-V step
23
ns
Typ
Settling time to 0.01%
G = –2, VO = 2-V step
112
ns
Typ
Input voltage noise
f > 10 MHz
1.65
nV/
√Hz
Typ
Input current noise (noninverting)
f > 10 MHz
13.4
pA/
√Hz
Typ
Input current noise (inverting)
f > 10 MHz
20
pA/
√Hz
Typ
Crosstalk
G = +2, f = 100 MHz
–60
dB
Typ
Differential gain (NTSC, PAL)
G = +2, RL = 150 Ω
0.004
%
Typ
Differential phase (NTSC, PAL)
G = +2, RL = 150 Ω
0.006
Degrees
Typ
DC PERFORMANCE
Open-loop transimpedance gain
VO = 6.5 V to 8.5 V, RL = 1 kΩ
300
200
140
120
k
Min
Input offset voltage
VCM = 7.5 V
±1.3
±4
±4.8
±5
mV
Max
Average offset voltage drift
VCM = 7.5 V
±10
±13
µV/°C
Typ
Input bias current (inverting)
VCM = 7.5 V
±16
±60
±80
±85
µA
Max
Average bias current drift (–)
VCM = 7.5 V
±300
±400
nA/°C
Typ
Input bias current (noninverting)
VCM = 7.5 V
±14
±35
±45
±50
µA
Max
Average bias current drift (+)
VCM = 7.5 V
±300
±400
nA/°C
Typ
INPUT
2.4 to
2.5 to
2.5 to
2.5 to
Common-mode input range
V
Min
12.6
12.5
12.5
12.5
Common-mode rejection ratio
VCM = 5 V to 10 V
69
60
58
58
dB
Min
Noninverting
780
k
Typ
Input resistance
Inverting
11
Typ
Input capacitance
Noninverting
1
pF
Typ
OUTPUT
1.5 to
1.6 to
1.7 to
1.7 to
RL = 1 kΩ
V
Min
13.5
13.4
13.3
13.3
Voltage output swing
1.7 to
1.8 to
2.0 to
2.0 to
RL = 100 Ω
V
Min
13.3
13.2
13.0
13.0
Current output, sourcing
RL = 20 Ω
120
105
100
100
mA
Min
Current output, sinking
RL = 20 Ω
115
95
90
90
mA
Min
Closed-loop output impedance
G = +1, f = 1 MHz
0.01
Typ
POWER SUPPLY
Maximum quiescent current/channel
Per amplifier
15
18
21
21
mA
Max
Power-supply rejection (+PSRR)
VS+ = 14.50 V to 15.50 V
69
63
60
60
dB
Min
Power-supply rejection (–PSRR)
VS– = –0.5 V to +0.5 V
65
58
55
55
dB
Min
6
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): THS3202


Similar Part No. - THS3202DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3202DGK TI-THS3202DGK Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202DGN TI-THS3202DGN Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
More results

Similar Description - THS3202DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com