Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3215IRGVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS3215IRGVT
Description  THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3215IRGVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS3215IRGVT Datasheet HTML 6Page - Texas Instruments THS3215IRGVT Datasheet HTML 7Page - Texas Instruments THS3215IRGVT Datasheet HTML 8Page - Texas Instruments THS3215IRGVT Datasheet HTML 9Page - Texas Instruments THS3215IRGVT Datasheet HTML 10Page - Texas Instruments THS3215IRGVT Datasheet HTML 11Page - Texas Instruments THS3215IRGVT Datasheet HTML 12Page - Texas Instruments THS3215IRGVT Datasheet HTML 13Page - Texas Instruments THS3215IRGVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
10
THS3215
SBOS780A – MARCH 2016 – REVISED APRIL 2016
www.ti.com
Product Folder Links: THS3215
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at TA≈ TJ≈ 25°C; over temperature limits by
characterization and simulation. (B) Not tested in production; limits set by characterization and simulation. (C) Typical value only for
information.
(2)
This slew rate is the average of the rising and falling time estimated from the large-signal bandwidth as: (VPEAK / √2) × 2π × f–3dB.
(3)
Currents out of pin treated as a positive polarity.
7.8 Electrical Characteristics: Midscale (DC) Reference Buffer
at +VCC = 6.0 V, –VCC = –6.0 V, RLOAD = 150 Ω at pin 15, and TJ ≈ 25˚C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL
(1)
AC PERFORMANCE (Output measured at pin 15)
Small-signal bandwidth (SSBW)
VOUT = 100 mVPP
200
MHz
C
Large-signal bandwidth (LSBW)
VOUT = 1 VPP
50
MHz
C
Slew rate(2)
VOUT = 4-V step
110
V/µs
C
Input voltage noise
f > 5 kHz
4.6
nV/
√Hz
C
Input current noise
f > 5 kHz
1.3
pA/
√Hz
C
AC output impedance
f = 20 MHz, no load current
2.5
Ω
C
DC AND I/O PERFORMANCE (RS = 25 Ω, and output measured at pin 15, unless otherwise noted)
Buffer gain
VI = ±1 V, RLOAD = 200 Ω
.9985
0.999
1.001
V/V
A
Buffer gain drift
TJ = –40°C to +125°C
–1.2
–2.2
ppm/°C
B
Output offset from midsupply
Input floating, pin 1 open
–120
30
70
mV
A
Output offset voltage
Input driven to 0 V from 0-
Ω source
–1.0
4.0
15
mV
A
Input offset voltage drift
TJ = –40°C to +125°C, input driven
to 0 V
4
9
15
µV/°C
B
Input bias current(3)
–10
±1
10
µA
A
Input bias current drift
TJ = –40°C to +125°C
–5
±1
5
nA/°C
B
Input/output headroom to either
supply
gain change < 1%
1.1
1.4
V
A
Input impedance
Internal 50-k
Ω divider resistors to
each supply
22 || 1.5
k
Ω || pF
C
Linear output current into resistive
load
±1.62 V into 36
Ω
40
65
mA
A
DC output impedance
Load current = ±30 mA
0.1
0.3
0.6
Ω
C
Positive power-supply rejection ratio
(+PSRR)
Referred to input with VMID_IN (pin
1) at GND
60
dB
A
Negative power-supply rejection
ratio (—PSRR)
Referred to input with VMID_IN (pin
1) at GND
69
dB
A


Similar Part No. - THS3215IRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3217 TI1-THS3217 Datasheet
2Mb / 73P
[Old version datasheet]   THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
THS3217IRGVR TI1-THS3217IRGVR Datasheet
2Mb / 73P
[Old version datasheet]   THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
THS3217IRGVT TI1-THS3217IRGVT Datasheet
2Mb / 73P
[Old version datasheet]   THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
More results

Similar Description - THS3215IRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3217 TI1-THS3217 Datasheet
2Mb / 73P
[Old version datasheet]   THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
logo
TriQuint Semiconductor
TGA2951-EPU TRIQUINT-TGA2951-EPU Datasheet
352Kb / 10P
   10 Gb/s Single Ended to Differential Amplifier TGA2951-EPU
logo
Texas Instruments
PCM5242 TI1-PCM5242 Datasheet
2Mb / 128P
[Old version datasheet]   Audio Stereo Differential-Output DAC
logo
Teledyne Technologies I...
AC1286 TELEDYNE-AC1286 Datasheet
161Kb / 2P
   650 TO 1200 MHz TO-8 CASCADABLE AMPLIFIER
logo
Mini-Circuits
ZRL-1200 MINI-ZRL-1200 Datasheet
184Kb / 1P
   Low Noise Amplifier 50??650 to 1200 MHz
logo
STMicroelectronics
AN4586 STMICROELECTRONICS-AN4586 Datasheet
630Kb / 19P
   Signal conditioning, differential to single-ended amplification
logo
Sony Corporation
CXA1077M SONY-CXA1077M Datasheet
126Kb / 7P
   WIDEBAND DIFFERENTIAL AMPLIFIER (DC TO 180 MHZ)
logo
Texas Instruments
LMH9126 TI1-LMH9126 Datasheet
450Kb / 18P
[Old version datasheet]   LMH9126 2.2??.9-GHz Differential to Single-Ended Amplifier With Integrated Balun
LMH9135 TI-LMH9135 Datasheet
1Mb / 22P
[Old version datasheet]   LMH9135 3.2 ??4.2 GHz Differential to Single-Ended Amplifier with Integrated Balun
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com