Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3217IRGVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS3217IRGVT
Description  THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3217IRGVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS3217IRGVT Datasheet HTML 2Page - Texas Instruments THS3217IRGVT Datasheet HTML 3Page - Texas Instruments THS3217IRGVT Datasheet HTML 4Page - Texas Instruments THS3217IRGVT Datasheet HTML 5Page - Texas Instruments THS3217IRGVT Datasheet HTML 6Page - Texas Instruments THS3217IRGVT Datasheet HTML 7Page - Texas Instruments THS3217IRGVT Datasheet HTML 8Page - Texas Instruments THS3217IRGVT Datasheet HTML 9Page - Texas Instruments THS3217IRGVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
6
THS3217
SBOS766B – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: THS3217
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics: D2S (continued)
at +VCC = 6.0 V, –VCC = –6.0 V, AV = 2 V/V, 25-Ω source impedance, input common-mode voltage (VIC) = 0.25 V, external
OPS input selected (PATHSEL
≥ 1.3 V), VREF = GND, RLOAD = 100 Ω, and TJ ≈ 25˚C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL
(1)
(6)
Output measured at pin 6.
OUTPUT(6)
Output voltage headroom to either
supply
TJ = 25°C
1.1
1.35
1.55
V
A
TJ = –40°C to +125°C
V
B
Output current drive
TJ = 25°C, ±1.16 VPP, RLOAD = 20 Ω
50
70
mA
A
DC Output Impedance
Load current = ±20 mA
0.2
0.45
Ω
A
POWER SUPPLY (D2S Stage + Midsupply Buffer Only; Output Power Stage Disabled: DISABLE pin
≥ 1.3 V)
Bipolar-supply operating range
±4.0
±6.0
±7.9
V
A
Single-supply operating range
8
12
15.8
V
B
Supply current
±6-V supplies
31
34
36
mA
A
Supply current temperature
coefficient
7
µA/°C
C


Similar Part No. - THS3217IRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3215 TI1-THS3215 Datasheet
1Mb / 71P
[Old version datasheet]   THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
THS3215IRGVR TI1-THS3215IRGVR Datasheet
1Mb / 71P
[Old version datasheet]   THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
THS3215IRGVT TI1-THS3215IRGVT Datasheet
1Mb / 71P
[Old version datasheet]   THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
More results

Similar Description - THS3217IRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3215 TI1-THS3215 Datasheet
1Mb / 71P
[Old version datasheet]   THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
logo
Sony Corporation
CXA1077M SONY-CXA1077M Datasheet
126Kb / 7P
   WIDEBAND DIFFERENTIAL AMPLIFIER (DC TO 180 MHZ)
logo
Tyco Electronics
A89 MACOM-A89 Datasheet
113Kb / 1P
   100 TO 800 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A67 MA-COM-A67 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 800 MHz
A89 MA-COM-A89 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 800 MHz
logo
Teledyne Technologies I...
A2CP4122 TELEDYNE-A2CP4122 Datasheet
145Kb / 2P
   800 TO 4000 MHz COUGARPAK짰 AMPLIFIER
logo
Tyco Electronics
A89 MACOM-A89_1 Datasheet
387Kb / 2P
   Cascadable Amplifier 100 to 800 MHz
logo
M/A-COM Technology Solu...
A89 MA-COM-A89_15 Datasheet
652Kb / 3P
   Cascadable Amplifier 100 to 800 MHz
logo
Tyco Electronics
A67 MACOM-A67 Datasheet
359Kb / 2P
   Cascadable Amplifier 10 to 800 MHz
logo
Teledyne Technologies I...
AC829 TELEDYNE-AC829 Datasheet
176Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com