Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9959501Q2A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9959501Q2A
Description  THS403x 100-MHz Low-Noise High-Speed Amplifiers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9959501Q2A Datasheet(HTML) 3 Page - Texas Instruments

  5962-9959501Q2A Datasheet HTML 1Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 2Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 3Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 4Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 5Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 6Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 7Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 8Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
3
THS4031, THS4032
www.ti.com
SLOS224H – JULY 1999 – REVISED JUNE 2016
Product Folder Links: THS4031 THS4032
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
For the most current package and ordering information, see Mechanical, Packaging, and Orderable Information, or see the TI web site
at www.ti.com.
(2)
The D and DGN packages are available taped and reeled. Add an R suffix to the device type (that is, THS4031CDGNR).
(3)
The PowerPAD™ on the underside of the DGN package is electrically isolated from all other pins and active circuitry. Connection to the
PCB ground plane is recommended, although not required, as this copper plane is typically the largest copper plane on the PCB.
5 Device Comparison Table
Table 1. Available Options(1)
TA
NUMBER OF
CHANNELS
PACKAGED DEVICES
EVALUATION
MODULE
PLASTIC SMALL
OUTLINE(2) (D)
PLASTIC MSOP(2)(DGN)(3)
DEVICE
SYMBOL
0°C to 70°C
1
THS4031CD
THS4031CDGN
TIACM
THS4031EVM
2
THS4032CD
THS4032CDGN
TIABD
THS4032EVM
–40°C to 85°C
1
THS4031ID
THS4031IDGN
TIACN
2
THS4032ID
THS4032IDGN
TIABG
–55°C to 125°C
1


Similar Part No. - 5962-9959501Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9959501Q2A TI-5962-9959501Q2A Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - 5962-9959501Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com