Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9959501Q2A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9959501Q2A
Description  THS403x 100-MHz Low-Noise High-Speed Amplifiers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9959501Q2A Datasheet(HTML) 1 Page - Texas Instruments

  5962-9959501Q2A Datasheet HTML 1Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 2Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 3Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 4Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 5Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 6Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 7Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 8Page - Texas Instruments 5962-9959501Q2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Vn
In
1
10
100
1 k
10
f − Frequency − Hz
20
10 k
100 k
VCC = ± 15 V AND ± 5 V
TA = 25°C
-VCC
0.1 F
m
+VCC
THS4031
220 pF
3
2
7
4
6
-VCC
+VCC
C0G
THS4031
3
2
7
4
6
+4.096V
+4.096V
+VIN =
with
Vincm=0V
8Vpp
-VIN =
with
Vincm=0V
8Vpp
ADS8422
+IN
-IN
7
6
+VIN
-VIN
8Vpp
8Vpp
time
0 V
+4 V
-4V
49.9 W
12 W
12 W
1000 W
1000 W
1000 W
1000 W
0.1 F
m
0.1 F
m
0.1 F
m
49.9 W
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
THS4031, THS4032
SLOS224H – JULY 1999 – REVISED JUNE 2016
THS403x 100-MHz Low-Noise High-Speed Amplifiers
1
1 Features
1
Ultra-Low 1.6 nV/
√Hz Voltage Noise
High Speed:
100-MHz Bandwidth [G = 2 (-1), –3 dB]
100-V/μs Slew Rate
Very Low Distortion
THD = –72 dBc (f = 1 MHz, RL = 150 Ω)
THD = –90 dBc (f = 1 MHz, RL = 1 kΩ)
Low 0.5-mV (Typical) Input Offset Voltage
90-mA Output Current Drive (Typical)
Typical Operation from ±5 V to ±15 V
Available in Standard SOIC and MSOP-
PowerPAD™, Packages
Evaluation Module Available
2 Applications
Low-Noise, Wideband Amplifier for Industrial
Applications
Voltage-Controlled Oscillators
Active Filters
Video Amplifiers
Cable Drivers
3 Description
The THS4031 and THS4032 are ultra-low voltage
noise, high-speed voltage feedback amplifiers that
are ideal for applications requiring low voltage noise,
including communications and imaging. The single
amplifier THS4031 and the dual amplifier THS4032
offer very good AC performance with 100-MHz
bandwidth (G = 2), 100-V/μs slew rate, and 60-ns
settling time (0.1%). The THS4031 and THS4032 are
unity-gain stable with 275-MHz bandwidth. These
amplifiers have a high drive capability of 90 mA and
draw only 8.5-mA supply current per channel. With
–90 dBc of total harmonic distortion (THD) at f = 1
MHz and a very low noise of 1.6 nV/
√Hz, the
THS4031
and
THS4032
are
ideally
suited
for
applications requiring low distortion and low noise
such as buffering analog-to-digital converters.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
THS403x
SOIC (8)
4.90 mm × 3.91 mm
MSOP-PowerPAD (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
High-Performance, Low-Noise Driver for 16-bit
SAR ADCs
Voltage Noise and Current Noise vs Frequency


Similar Part No. - 5962-9959501Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9959501Q2A TI-5962-9959501Q2A Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - 5962-9959501Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com