Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9959501QPA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9959501QPA
Description  THS403x 100-MHz Low-Noise High-Speed Amplifiers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9959501QPA Datasheet(HTML) 4 Page - Texas Instruments

  5962-9959501QPA Datasheet HTML 1Page - Texas Instruments 5962-9959501QPA Datasheet HTML 2Page - Texas Instruments 5962-9959501QPA Datasheet HTML 3Page - Texas Instruments 5962-9959501QPA Datasheet HTML 4Page - Texas Instruments 5962-9959501QPA Datasheet HTML 5Page - Texas Instruments 5962-9959501QPA Datasheet HTML 6Page - Texas Instruments 5962-9959501QPA Datasheet HTML 7Page - Texas Instruments 5962-9959501QPA Datasheet HTML 8Page - Texas Instruments 5962-9959501QPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
−VCC
VCC+
2OUT
2IN−
2IN+
Cross-Section View Showing
PowerPAD™ Option (DGN)
1
2
3
4
8
7
6
5
NULL
IN −
IN +
VCC−
NULL
VCC+
OUT
NC
NC − No internal connection
4
THS4031, THS4032
SLOS224H – JULY 1999 – REVISED JUNE 2016
www.ti.com
Product Folder Links: THS4031 THS4032
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
THS4031 D or DGN Package
8-Pin SOIC or HVSSOP
Top View
Pin Functions – THS4031
PIN
I/O
DESCRIPTION
NAME
NO.
NULL
1, 8
I
Voltage offset adjust
IN–
2
I
Inverting input
IN+
3
I
Noninverting input
VCC–
4
POW
Negative power supply
NC
5
No connection
OUT
6
O
Output of amplifier
VCC+
7
POW
positive power supply
7THS4032 D or DGN Package
8-Pin SOIC or HVSSOP
Top View
Pin Functions – THS4032
PIN
I/O
DESCRIPTION
NAME
NO.
1OUT
1
O
Channel 1 output
1IN–
2
I
Channel 1 inverting input
1IN+
3
I
Channel 1 noninverting input
–VCC
4
POW
Negative power supply
2IN+
5
I
Channel 2 noninverting input
2IN–
6
I
Channel 2 inverting input
2OUT
7
O
Channel 2 output
VCC+
8
POW
Positive power supply


Similar Part No. - 5962-9959501QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9959501QPA TI-5962-9959501QPA Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - 5962-9959501QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com