Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4021CDG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS4021CDG4
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4021CDG4 Datasheet(HTML) 1 Page - Texas Instruments

  THS4021CDG4 Datasheet HTML 1Page - Texas Instruments THS4021CDG4 Datasheet HTML 2Page - Texas Instruments THS4021CDG4 Datasheet HTML 3Page - Texas Instruments THS4021CDG4 Datasheet HTML 4Page - Texas Instruments THS4021CDG4 Datasheet HTML 5Page - Texas Instruments THS4021CDG4 Datasheet HTML 6Page - Texas Instruments THS4021CDG4 Datasheet HTML 7Page - Texas Instruments THS4021CDG4 Datasheet HTML 8Page - Texas Instruments THS4021CDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
FEATURES
THS4022
DandDGNPackage
(TopView)
THS4021
DandDGNPackage
(TopView)
1
1
2
2
3
3
4
4
8
8
7
7
6
6
5
5
1OUT
NULL
1IN–
IN–
1IN+
IN+
–V
CC
V
CC–
V
CC+
NULL
2OUT
V
CC+
2IN–
OUT
2IN+
NC
NC-Nointernalconnection
CrossSectionViewShowing
PowerPADOption(DGN)
DESCRIPTION
1
10
100
Vn
In
f − Frequency − Hz
10
100
1k
100k
10k
G001
VCC = ± 15 V and ± 5 V
TA = 25°C
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
www.ti.com
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
23
• Ultralow 1.5-nV/√Hz Voltage Noise
• High Speed:
350-MHz Bandwidth (G = 10, –3 dB)
470-V/
μs Slew Rate
40-ns Settling Time (0.1%)
• Stable at a Gain of 10 (–9) or Greater
• High Output Drive, I
O = 100 mA (typ)
• Excellent Video Performance:
17-MHz Bandwidth (0.1 dB, G = 10)
0.02% Differential Gain
0.08
° Differential Phase
VOLTAGE AND CURRENT NOISE
• Very Low Distortion:
vs
THD = –68 dBc (f = 1 MHz, RL = 150 Ω)
FREQUENCY
• Wide Range of Power Supplies:
VCC = ±5 V to ±15 V
• Available in Standard SOIC or MSOP
PowerPAD™ Package
• Evaluation Module Available
The THS4021 and THS4022 are ultralow voltage
noise, high-speed voltage feedback amplifiers that
are ideal for applications requiring low voltage noise,
including
communication
and
imaging.
The
single-amplifier
THS4021
and
the
dual-amplifier
THS4022 offer very good ac performance with
350-MHz bandwidth, 470-V/
μs slew rate, and 40-ns
settling time (0.1%). The THS4021 and THS4022 are
stable at gains of 10 (–9) or greater. These amplifiers
have a high drive capability of 100 mA and draw only
7.8-mA
supply
current
per
channel.
With
total
harmonic distortion (THD) of –68 dBc at f = 1 MHz,
Figure 1.
the THS4021 and THS4022 are ideally suited for
applications requiring low distortion.
RELATED DEVICES
DEVICE
DESCRIPTION
THS4011/4012
290-MHz Low-Distortion High-Speed Amplifiers
THS4031/4032
100-MHz Low-Noise High-Speed Amplifiers
THS4061/4062
180-MHz High-Speed Amplifiers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4021CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4021CDGN TI-THS4021CDGN Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4021CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com