Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4304DBVTG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # THS4304DBVTG4
Description  Wideband Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4304DBVTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4304DBVTG4 Datasheet HTML 3Page - Texas Instruments THS4304DBVTG4 Datasheet HTML 4Page - Texas Instruments THS4304DBVTG4 Datasheet HTML 5Page - Texas Instruments THS4304DBVTG4 Datasheet HTML 6Page - Texas Instruments THS4304DBVTG4 Datasheet HTML 7Page - Texas Instruments THS4304DBVTG4 Datasheet HTML 8Page - Texas Instruments THS4304DBVTG4 Datasheet HTML 9Page - Texas Instruments THS4304DBVTG4 Datasheet HTML 10Page - Texas Instruments THS4304DBVTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
ELECTRICAL CHARACTERISTICS (continued)
Specifications: V
S = 3 V: RF = 249 Ω, RL = 499 Ω, and G = +2 unless otherwise noted
TYP
OVER TEMPERATURE
TEST
–40
°C
PARAMETER
CONDITIONS
0
°C to
MIN/
LEVEL(1)
25
°C
25
°C
to
UNITS
70
°C
MAX
85
°C
OUTPUT CHARACTERISTIC
1.1 to
1.2 to
1.3 to
1.3 to
RL = 100 Ω
1.9
1.8
1.7
1.7
Output Voltage Swing
V
Min
A
1 to 2
1.1 to
1.2 to
1.2 to
RL = 1 kΩ
1.9
1.8
1.8
Output Current (Sourcing)
RL = 10 Ω
57
50
40
40
mA
Min
A
Output Current (Sinking)
RL = 10 Ω
57
45
35
35
mA
Min
A
Output Impedance
f = 100 kHz
0.016
Typ
A
POWER SUPPLY
Maximum Operating Voltage
3
5.5
5.5
5.5
Max
V
A
Minimum Operating Voltage
3
2.7
2.7
2.7
Min
Maximum Quiescent Current
17.2
17.9
18.4
18.4
mA
Max
A
Minimum Quiescent Current
17.2
16.5
15.6
15.6
mA
Min
A
Power Supply Rejection (+PSRR)
VS+ = 3.3 V to 2.7 V, VS– = 0 V
80
60
54
54
dB
Min
A
Power Supply Rejection (-PSRR)
VS+ = 5 V, VS– = –0.5 V to +0.5 V
60
55
52
52
dB
Min
A
7


Similar Part No. - THS4304DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4304DBVT TI-THS4304DBVT Datasheet
869Kb / 26P
[Old version datasheet]   Wideband Operational Amplifier
THS4304DBVT TI1-THS4304DBVT Datasheet
1Mb / 33P
[Old version datasheet]   Wideband Operational Amplifier
More results

Similar Description - THS4304DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4304 TI-THS4304 Datasheet
869Kb / 26P
[Old version datasheet]   Wideband Operational Amplifier
THS4304 TI1-THS4304_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA621 BURR-BROWN-OPA621 Datasheet
193Kb / 16P
   Wideband Precision OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
TDB2022 ETC1-TDB2022 Datasheet
349Kb / 8P
   WIDEBAND SINGLE OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA620 BURR-BROWN-OPA620 Datasheet
309Kb / 15P
   Wideband Precision OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
M.S. Kennedy Corporatio...
MSK3554 MSK-MSK3554 Datasheet
270Kb / 5P
   HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
AD3554 MAXIM-AD3554 Datasheet
669Kb / 6P
   WIDEBAND FST-SETTLING OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com