Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4541 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 7Page - Texas Instruments THS4541 Datasheet HTML 8Page - Texas Instruments THS4541 Datasheet HTML 9Page - Texas Instruments THS4541 Datasheet HTML 10Page - Texas Instruments THS4541 Datasheet HTML 11Page - Texas Instruments THS4541 Datasheet HTML 12Page - Texas Instruments THS4541 Datasheet HTML 13Page - Texas Instruments THS4541 Datasheet HTML 14Page - Texas Instruments THS4541 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
Frequency (MHz)
10
100
1000
3
4
5
6
7
8
9
D005
Cload=10 pF, Ro = 24.9 :
Cload=22 pF, Ro = 16 :
Cload=51 pF, Ro = 9.1 :
Cload=100 pF, Ro = 5.4 :
Cload (pF)
1
10
100
0
5
10
15
20
25
30
35
40
D006
Av=2
Av=4
Av=10
Frequency (MHz)
10
100
1000
3
4
5
6
7
8
9
D003
Vocm=1.0 V
Vocm=1.5 V
Vocm=2.0 V
Vocm=2.5 V
Vocm=3.0 V
Vocm=3.5 V
Frequency (MHz)
10
100
1000
3
4
5
6
7
8
9
D004
RL=50 :
RL=100 :
RL=200 :
RL=500 :
RL=1000 :
Frequency (MHz)
1
10
100
1000
-9
-6
-3
0
3
6
9
D001
G=0.1
G=1
G=2
G=5
G=10
Frequency (MHz)
10
100
1000
-12
-9
-6
-3
0
3
6
9
D002
Vo=100 mVpp
Vo=500 mVpp
Vo=1 Vpp
Vo=2 Vpp
Vo=5 Vpp
THS4541
www.ti.com
SLOS375A – AUGUST 2014 – REVISED SEPTEMBER 2014
7.7 Typical Characteristics: 5-V Single Supply
At Vs+ = 5 V, Vs– = GND, Vocm is open, 50-
Ω single-ended input to differential output, gain = 2 V/V, Rload = 500 Ω, and TA
≈ 25°C (unless otherwise noted).
Rf = 402
Ω, see Figure 61 and Table 6 for resistor values
See Figure 61
Figure 1. Small-Signal Frequency Response vs Gain
Figure 2. Frequency Response vs Vopp
Vout = 100 mVPP , see Figure 61 with Vocm adjusted
Vout = 100 mVPP, see Figure 61 with RL adjusted
Figure 3. Small-Signal Frequency Response vs Vocm
Figure 4. Small-Signal Frequency Response vs Rload (RL)
100 mVPP at load, Av = 2 (see Figure 71), two series Ro added at
Ro is two series output resistors to a differential Cload in parallel
output before Cload
with 500
Ω, see Figure 71 and Table 6
Figure 5. Small-Signal Frequency Response vs Cload
Figure 6. Recommended Ro vs Cload
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: THS4541


Similar Part No. - THS4541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 64P
[Old version datasheet]   THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI-THS4541 Datasheet
3Mb / 51P
[Old version datasheet]   THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
THS4541-DIE TI-THS4541-DIE Datasheet
1Mb / 25P
[Old version datasheet]   THS4541-DIE Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
NOVEMBER 2021
THS4541-Q1 TI1-THS4541-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   850-MHz Fully Differential Amplifier
More results

Similar Description - THS4541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541-Q1 TI1-THS4541-Q1_V01 Datasheet
2Mb / 64P
[Old version datasheet]   THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541-DIE TI-THS4541-DIE Datasheet
1Mb / 25P
[Old version datasheet]   THS4541-DIE Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
NOVEMBER 2021
LMH5485-SEP TI1-LMH5485-SEP_V01 Datasheet
1Mb / 31P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant, Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
REVISED NOVEMBER 2022
LMH5485-SEP TI-LMH5485-SEP Datasheet
1Mb / 35P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
LMH5485-SP TI-LMH5485-SP_V01 Datasheet
1Mb / 33P
[Old version datasheet]   LMH5485-SP Radiation Hardened Assured (RHA) Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
LMH5485-SP TI-LMH5485-SP Datasheet
1Mb / 32P
[Old version datasheet]   LMH5485-SP Radiation Hardened Assured (RHA) Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com