Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS5651A Datasheet(PDF) 10 Page - Texas Instruments

Part # THS5651A
Description  10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS5651A Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS5651A_09 Datasheet HTML 6Page - Texas Instruments THS5651A_09 Datasheet HTML 7Page - Texas Instruments THS5651A_09 Datasheet HTML 8Page - Texas Instruments THS5651A_09 Datasheet HTML 9Page - Texas Instruments THS5651A_09 Datasheet HTML 10Page - Texas Instruments THS5651A_09 Datasheet HTML 11Page - Texas Instruments THS5651A_09 Datasheet HTML 12Page - Texas Instruments THS5651A_09 Datasheet HTML 13Page - Texas Instruments THS5651A_09 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
THS5651A
10BIT, 125 MSPS, CommsDAC
DIGITALTOANALOG CONVERTER
SLAS260A − FEBRUARY 2000 − REVISED SEPTEMBER 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
48
54
60
66
72
78
84
−27 −24 −21 −18 −15 −12
−9
−6
−3
0
SPURIOUS FREE DYNAMIC RANGE
vs
AOUT AT FOUT = FCLOCK/11
Aout − dBFS
DVDD = 5 V
4.55 MHz @
50 MSPS
9.1 MHz @
100 MSPS
2.27 MHz @ 25 MSPS
6.36 MHz @
70 MSPS
Figure 14
48
54
60
66
72
78
84
−27 −24 −21 −18 −15 −12
−9
−6
−3
0
SPURIOUS FREE DYNAMIC RANGE
vs
AOUT AT FOUT = FCLOCK/5
Aout − dBFS
DVDD = 5 V
20 MHz @ 100 MSPS
5 MHz @ 25 MSPS
10 MHz @ 50 MSPS
14 MHz @ 70 MSPS
Figure 15
48
54
60
66
72
78
84
−27 −24 −21 −18 −15 −12
−9
−6
−3
0
DUAL TONE SPURIOUS FREE DYNAMIC RANGE
vs
AOUT AT FOUT = FCLOCK/7
Aout − dBFS
DVDD = 5 V
0.675/0.725 MHz @ 5 MSPS
3.38/3.63 MHz @ 25 MSPS
6.75/7.25 MHz @ 50 MSPS
9.67/10.43 MHz @
70 MSPS
13.5/14.5 MHz @ 100 MSPS
Figure 16
70
75
80
85
90
0
20406080
100
120
TOTAL HARMONIC DISTORTION
vs
CLOCK FREQUENCY AT FOUT = 2 MHZ
Fclock − Clock Frequency − MSPS
2nd Harmonic
DVDD = 5 V
3rd Harmonic
4th Harmonic
−66
−72
−78
−84
−90
†AV
DD = 5 V, IOUTFS = 20 mA, differential transformer coupled output, 50 Ω doubly terminated load, TA = 25°C (unless otherwise
noted.)


Similar Part No. - THS5651A_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651ADW TI-THS5651ADW Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651AIDW TI-THS5651AIDW Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651AIPW TI-THS5651AIPW Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5651A_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI1-THS5671A_09 Datasheet
1,019Kb / 33P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com