Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4601ID Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4601ID
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4601ID Datasheet(HTML) 5 Page - Texas Instruments

  THS4601ID Datasheet HTML 1Page - Texas Instruments THS4601ID Datasheet HTML 2Page - Texas Instruments THS4601ID Datasheet HTML 3Page - Texas Instruments THS4601ID Datasheet HTML 4Page - Texas Instruments THS4601ID Datasheet HTML 5Page - Texas Instruments THS4601ID Datasheet HTML 6Page - Texas Instruments THS4601ID Datasheet HTML 7Page - Texas Instruments THS4601ID Datasheet HTML 8Page - Texas Instruments THS4601ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
THS4601
SLOS388B − OCTOBER 2001 − REVISED JUNE 2002
5
www.ti.com
electrical specifications: VS = ±5 V: RF = 250 Ω, RL = 1 kΩ and G = +2 (unless otherwise noted)
THS4601
PARAMETER
TEST CONDITIONS
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
−40
°C
to 85
°C
MIN/
MAX
UNIT
AC PERFORMANCE
G = +1, VO = 20 mVpp
400
Typ
MHz
Small-signal bandwidth
G = +2, VO = 40 mVpp
100
Typ
MHz
Small-signal bandwidth
G = +5, VO = 100 mVpp
50
Typ
MHz
G = +10, VO = 200 mVpp
18
Typ
MHz
Gain-bandwidth product
G > +10
180
Typ
MHz
Bandwidth for 0.1 dB flatness
G = +2, VO = 200 mVpp
5
Typ
MHz
Large-signal bandwidth
G = +5, VO = 5 Vpp
6
Typ
MHz
Slew rate, SR
G = +5, 5 V Step
100
Typ
V/
µs
Rise/fall time, tr/tf
1.0 V Step
8
Typ
ns
Settling time, ts
0.01%
G = +5, VO = 2 V Step
140
Typ
ns
Settling time, ts
0.1%
G = +5, VO = 2 V Step
170
Typ
ns
Harmonic distortion
G = +2, f = 1 MHz, VO = 2Vpp
2nd Harmonic
RL = 100 Ω
−74
Typ
dBc
2nd Harmonic
RL = 1 kΩ
−84
Typ
dBc
3rd Harmonic
RL = 100 Ω
−79
Typ
dBc
3rd Harmonic
RL = 1 kΩ
−94
Typ
dBc
Input voltage noise, Vn
f > 10 kHz
5.4
Typ
nV/
√Hz
Input current noise, In
f > 10 kHz
5.5
Typ
fA/
√Hz
Differential gain (NTSC and PAL)
G = +2, RL = 150 Ω
0.02%
Typ
Differential phase (NTSC and PAL)
G = +2, RL = 150 Ω
0.08
Typ
_
DC PERFORMANCE
Open-loop voltage gain
G = −10, RL = 1 kΩ
105
94
92
90
Min
dB
Input offset voltage, VIO
VCM = 0 V
1.0
4.0
4.5
5.0
Max
mV
Average offset voltage drift
VCM = 0 V
±10
±10
Typ
µV/_C
Input bias current, IIB
VCM = 0 V
20
100
550
1100
Max
pA
Average bias current drift
VCM = 0 V
50
50
Typ
pA/
°C
Input offset current, IIO
VCM = 0 V
1
100
200
300
Max
pA
Average offset current drift
VCM = 0 V
5
5
Typ
pA/
°C
INPUT
Common-mode input range, VIC
±2.2
2.7 to
−2.0
2.6 to
−1.9
2.5 to
−1.8
Min
V
Common-mode rejection ratio, CMRR
110
100
95
90
Min
dB
Input impedance, Zid
Differential
109 || 3.5
Typ
Ω || pF
Input impedance, Zic
Common-mode
109 || 6.5
Typ
Ω || pF
OUTPUT
Voltage output swing
RL = 1 kΩ
2.9 to
–3.5
2.6 to
−3.3
2.5 to
−3.2
2.3 to
−3.1
Min
V
Current output, IO
Sourcing
RL = 20 Ω
−65
−48
−48
−47
Min
mA
Current output, IO
Sinking
RL = 20 Ω
45
30
30
29
Min
mA
Closed-loop output impedance, Zo
G = +1, f = 1 MHz
0.1
Typ


Similar Part No. - THS4601ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4601ID TI-THS4601ID Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
THS4601IDDA TI-THS4601IDDA Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - THS4601ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4601 TI-THS4601 Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA678 BURR-BROWN-OPA678 Datasheet
279Kb / 14P
   Wideband Switched-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH740A NSC-LH740A Datasheet
111Kb / 2P
   FET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com