Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4022IDG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS4022IDG4
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4022IDG4 Datasheet(HTML) 5 Page - Texas Instruments

  THS4022IDG4 Datasheet HTML 1Page - Texas Instruments THS4022IDG4 Datasheet HTML 2Page - Texas Instruments THS4022IDG4 Datasheet HTML 3Page - Texas Instruments THS4022IDG4 Datasheet HTML 4Page - Texas Instruments THS4022IDG4 Datasheet HTML 5Page - Texas Instruments THS4022IDG4 Datasheet HTML 6Page - Texas Instruments THS4022IDG4 Datasheet HTML 7Page - Texas Instruments THS4022IDG4 Datasheet HTML 8Page - Texas Instruments THS4022IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−80
−70
−60
−50
−40
−30
−20
−10
0
10
f − Frequency − Hz
1M
10M
1G
100M
G002
VCC = ± 15 V
Gain = 10
RF = 220 Ω
RL = 150 Ω
−20
0
20
40
60
80
100
120
f − Frequency − Hz
1k
10k
1G
1M
10M
30
−90
−120
−150
−180
−60
−30
0
G003
100k
100M
VCC = ± 5 V & ±15 V
Gain
Phase
−110
−90
−70
−50
−30
−10
0
5
10
15
20
VO − Output Voltage − V
G005
VCC = ± 15 V
RL = 1 kΩ
G = 10
f = 1 MHz
2nd Harmonic
3rd Harmonic
−110
−90
−70
−50
−30
−10
0
5
10
15
20
VO − Output Voltage − V
G006
VCC = ± 15 V
RL = 150 Ω
G = 10
f = 1 MHz
2nd Harmonic
3rd Harmonic
−100
−90
−80
−70
−60
−50
−40
f − Frequency − Hz
100k
10M
1M
G004
VCC = ± 15 V
Gain = 10
VO(PP) = 2 V
RL = 150 Ω
RL = 1 kΩ
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
ELECTRICAL CHARACTERISTICS (continued)
at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
Dual supply
±4.5
±16.5
Supply voltage operating
VCC
V
range
Single supply
9
33
TA = 25°C
7.8
10
VCC = ±15 V
TA = full range
11
ICC
Supply current (per amplifier)
mA
TA = 25°C
6.7
9
VCC = ±5 V
TA = full range
10.5
PSRR
Power-supply rejection ratio
VCC = ±5 V or ±15 V, TA = full range
80
95
dB
CROSSTALK
OPEN LOOP GAIN AND PHASE RESPONSE
vs
vs
FREQUENCY
FREQUENCY
Figure 4.
Figure 5.
TOTAL HARMONIC DISTORTION
DISTORTION
DISTORTION
vs
vs
vs
FREQUENCY
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 6.
Figure 7.
Figure 8.
Copyright © 1999–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS4021 THS4022


Similar Part No. - THS4022IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4022IDGN TI-THS4022IDGN Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4022IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com