Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS5661IPW Datasheet(PDF) 2 Page - Texas Instruments

Part # THS5661IPW
Description  12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS5661IPW Datasheet(HTML) 2 Page - Texas Instruments

  THS5661IPW Datasheet HTML 1Page - Texas Instruments THS5661IPW Datasheet HTML 2Page - Texas Instruments THS5661IPW Datasheet HTML 3Page - Texas Instruments THS5661IPW Datasheet HTML 4Page - Texas Instruments THS5661IPW Datasheet HTML 5Page - Texas Instruments THS5661IPW Datasheet HTML 6Page - Texas Instruments THS5661IPW Datasheet HTML 7Page - Texas Instruments THS5661IPW Datasheet HTML 8Page - Texas Instruments THS5661IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
THS5661
12-BIT, 100 MSPS, CommsDAC
DIGITAL-TO-ANALOG CONVERTER
SLAS200A – MAY 1999 – REVISED JULY 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The THS5661 is available in both a 28-pin SOIC and TSSOP package. The device is characterized for operation
over the industrial temperature range of –40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGE
TA
28-TSSOP
(PW)
28-SOIC
(DW)
–40
°C to 85°C
THS5661IPW
THS5661IDW
functional block diagram
IOUT1
IOUT2
CLK
D[11:0]
EXTLO
DGND
AVDD
EXTIO
COMP2
Current
Source
Array
Output
Current
Switches
AGND
1.2 V
REF
BIASJ
+
Control
AMP
0.1
µF
2 k
I BIAS
COMP1
Logic
Control
50
1 nF
DVDD
RBIAS
SLEEP
MODE
RLOAD
RLOAD
CEXT
C1
0.1
µF
0.1
µF
50


Similar Part No. - THS5661IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661IPW TI-THS5661IPW Datasheet
755Kb / 29P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5661IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI-THS5661 Datasheet
755Kb / 29P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
ADS5295 TI-ADS5295 Datasheet
2Mb / 91P
[Old version datasheet]   12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
THS5671A TI1-THS5671A_09 Datasheet
1,019Kb / 33P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
[Old version datasheet]   14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com