Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS5651AIPW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS5651AIPW
Description  10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS5651AIPW Datasheet(HTML) 2 Page - Texas Instruments

  THS5651AIPW Datasheet HTML 1Page - Texas Instruments THS5651AIPW Datasheet HTML 2Page - Texas Instruments THS5651AIPW Datasheet HTML 3Page - Texas Instruments THS5651AIPW Datasheet HTML 4Page - Texas Instruments THS5651AIPW Datasheet HTML 5Page - Texas Instruments THS5651AIPW Datasheet HTML 6Page - Texas Instruments THS5651AIPW Datasheet HTML 7Page - Texas Instruments THS5651AIPW Datasheet HTML 8Page - Texas Instruments THS5651AIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
THS5651A
10BIT, 125 MSPS, CommsDAC
DIGITALTOANALOG CONVERTER
SLAS260A − FEBRUARY 2000 − REVISED SEPTEMBER 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The THS5651A is available in both a 28-pin SOIC and TSSOP package. The device is characterized for
operation over the industrial temperature range of −40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGE
TA
28-TSSOP
(PW)
28-SOIC
(DW)
−40
°C to 85°C
THS5651AIPW
THS5651AIDW
functional block diagram
IOUT1
IOUT2
CLK
D[9:0]
EXTLO
DGND
AVDD
EXTIO
COMP2
Current
Source
Array
Output
Current
Switches
AGND
1.2 V
REF
BIASJ
+
Control
AMP
0.1
µF
2 k
I BIAS
COMP1
Logic
Control
50
1 nF
DVDD
RBIAS
SLEEP
MODE
RLOAD
RLOAD
CEXT
C1
0.1
µF
0.1
µF
50


Similar Part No. - THS5651AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651AIPW TI-THS5651AIPW Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5651AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI1-THS5671A_09 Datasheet
1,019Kb / 33P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com