Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4032CD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4032CD
Description  THS403x 100-MHz Low-Noise High-Speed Amplifiers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4032CD Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4032CD Datasheet HTML 7Page - Texas Instruments THS4032CD Datasheet HTML 8Page - Texas Instruments THS4032CD Datasheet HTML 9Page - Texas Instruments THS4032CD Datasheet HTML 10Page - Texas Instruments THS4032CD Datasheet HTML 11Page - Texas Instruments THS4032CD Datasheet HTML 12Page - Texas Instruments THS4032CD Datasheet HTML 13Page - Texas Instruments THS4032CD Datasheet HTML 14Page - Texas Instruments THS4032CD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
RL =1KΩ
RL =150 Ω
TA =25°C
8
6
4
2
5
7
9
11
10
12
14
13
15
± VCC – SupplyVoltage – ± V
12
4.5
3.5
2.5
−40
−20
0
20
40
13
13.5
14
60
80
100
12.5
4
3
VCC = ± 5 V
RL = 150 Ω
VCC = ± 5 V
RL = 1 kΩ
TA − Free-Air Temperature − °C
VCC = ± 15 V
RL = 1 kΩ
VCC = ± 15 V
RL = 250 Ω
2.90
2.85
2.80
2.70
−40
−20
0
20
40
3
3.05
3.10
60
80
100
2.95
2.75
TA − Free-Air Temperature − °C
VCC = ± 15 V
VCC = ± 5 V
VCC = ± 5 V
VCC = ± 15 V
−0.45
−0.5
−0.55
−0.6
−40
−20
0
20
−0.4
−0.35
−0.3
40
100
60
80
TA − Free-Air Temperature − °C
15
12.5
7.5
0
−2
−1.6
−1.2 −0.8
−0.4
0
17.5
20
22.5
0.4
0.8
1.2
2.5
VIO − Input Offset Voltage − mV
VCC = ± 5 V
250 Samples
3 Wafer Lots
TA = 25°C
10
5
8
6
4
0
−2
−1.6
−1.2 −0.8
−0.4
0
10
12
14
0.4
0.8
1.2
2
VIO − Input Offset Voltage − mV
VCC = ± 15 V
250 Samples
3 Wafer Lots
TA = 25°C
11
THS4031, THS4032
www.ti.com
SLOS224H – JULY 1999 – REVISED JUNE 2016
Product Folder Links: THS4031 THS4032
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Figure 1. Input Offset Voltage Distribution
Figure 2. Input Offset Voltage Distribution
Figure 3. Input Offset Voltage vs Free-Air Temperature
Figure 4. Input Bias Current vs Free-Air Temperature
Figure 5. Output Voltage Swing vs Supply Voltage
Figure 6. Maximum Output Voltage Swing vs Free-Air
Temperature


Similar Part No. - THS4032CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4032CD TI-THS4032CD Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032CD TI-THS4032CD Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032CDG4 TI-THS4032CDG4 Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032CDGN TI-THS4032CDGN Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032CDGN TI-THS4032CDGN Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4032CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com