Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL22VP10-20CFN Datasheet(PDF) 8 Page - Texas Instruments

Part # TIBPAL22VP10-20CFN
Description  HIGH-PERFORMANCE IMPACT-X
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL22VP10-20CFN Datasheet(HTML) 8 Page - Texas Instruments

Back Button TIBPAL22VP10-20CFN Datasheet HTML 4Page - Texas Instruments TIBPAL22VP10-20CFN Datasheet HTML 5Page - Texas Instruments TIBPAL22VP10-20CFN Datasheet HTML 6Page - Texas Instruments TIBPAL22VP10-20CFN Datasheet HTML 7Page - Texas Instruments TIBPAL22VP10-20CFN Datasheet HTML 8Page - Texas Instruments TIBPAL22VP10-20CFN Datasheet HTML 9Page - Texas Instruments TIBPAL22VP10-20CFN Datasheet HTML 10Page - Texas Instruments TIBPAL22VP10-20CFN Datasheet HTML 11Page - Texas Instruments TIBPAL22VP10-20CFN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
FEEDBACK AND OUTPUT CONFIGURATION
tsu
Setup time before clock↑
ns
ns
Pulse duration
tw
UNIT
TIBPAL22VP10-20C, TIBPAL22VP10-25M
HIGH-PERFORMANCE
IMPACT-X ™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS013A − D2943, FEBRUARY 1987 − REVISED DECEMBER 2010
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
8
MACROCELL FEEDBACK AND OUTPUT FUNCTION TABLE
FUSE SELECT
S2
S1
S0
0
0
0
Register feedback
Registered
Active low
0
0
1
Register feedback
Registered
Active high
1
0
0
I/O feedback
Registered
Active low
1
0
1
I/O feedback
Registered
Active high
X
1
0
I/O feedback
Combinational Active low
X
1
1
I/O feedback
Combinational Active high
0 = unblown fuse, 1 = blown fuse, X = unblown or blown fuse
S2, S1 and S0 are select-function fuses as shown in the output logic macrocell diagram.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to disabled output (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: TIBPAL22VP10-20C
0°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TIBPAL22VP10-25M
−55°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: These ratings apply except for programming pins during a programming cycle or during a preload cycle.
recommended operating conditions
TIBPAL22VP10-20C
TIBPAL22VP10-25M
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.75
5
5.25
4.5
5
5.5
V
VIH
High-level input voltage
2
5.5
2
5.5
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
−3.2
−2
mA
IOL
Low-level output current
16
12
mA
fclock
Clock frequency
37
25
MHz
Clock high or low
10
20
Asynchronous Reset high or low
20
30
Input
15
20
Feedback
15
20
Synchronous Preset (active)
15
20
Asynchronous Reset (inactive)
20
25
th
Hold time, input, preset, or feedback after clock↑
0
0
ns
TA
Operating free-air temperature
0
75
−55
125
°C
fclock (with feedback) +
1
tsu ) tpd (CLK to Q)
, fclock without feedback can be calculated as
fclock (without feedback) +
1
tw high ) tw low
.
Obsolete Device


Similar Part No. - TIBPAL22VP10-20CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22VP10-20CFN TI-TIBPAL22VP10-20CFN Datasheet
160Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
More results

Similar Description - TIBPAL22VP10-20CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22V10-20M TI1-TIBPAL22V10-20M_16 Datasheet
443Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL20L8-7C TI1-TIBPAL20L8-7C_15 Datasheet
672Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20R3 TI-TIBPAL20R3 Datasheet
922Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-15M TI1-TIBPAL16L8-15M_14 Datasheet
445Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com