Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL22VP10-25MJTB Datasheet(PDF) 10 Page - Texas Instruments

Part # TIBPAL22VP10-25MJTB
Description  HIGH-PERFORMANCE IMPACT-X
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL22VP10-25MJTB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TIBPAL22VP10-25MJTB Datasheet HTML 6Page - Texas Instruments TIBPAL22VP10-25MJTB Datasheet HTML 7Page - Texas Instruments TIBPAL22VP10-25MJTB Datasheet HTML 8Page - Texas Instruments TIBPAL22VP10-25MJTB Datasheet HTML 9Page - Texas Instruments TIBPAL22VP10-25MJTB Datasheet HTML 10Page - Texas Instruments TIBPAL22VP10-25MJTB Datasheet HTML 11Page - Texas Instruments TIBPAL22VP10-25MJTB Datasheet HTML 12Page - Texas Instruments TIBPAL22VP10-25MJTB Datasheet HTML 13Page - Texas Instruments TIBPAL22VP10-25MJTB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TIBPAL22VP10-25M
HIGH-PERFORMANCE
IMPACT-X ™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS013 − D2943, FEBRUARY 1987 − REVISED JUNE 1991
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
10
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
V
VOH
VCC = 4.5 V,
IOH = −2 mA
2.4
3.5
V
VOL
VCC = 4.5 V,
IOL = 12 mA
0.25
0.5
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
0.1
mA
IOZL
VCC = 5.5 V,
VO = 0.4 V
−0.1
mA
II
VCC = 5.5 V,
VI = 5.5 V
1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
25
μA
IIL
VCC = 5.5 V,
VI = 0.4 V
−0.25
mA
IOS‡
VCC = 5.5 V,
VO = 0.5 V
−30
−90
mA
ICC
VCC = 5.5 V,
VI = GND,
Outputs open
140
200
mA
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITION
MIN
TYP
MAX
UNIT
fmax§
25
50
MHz
tpd
I, I/O
I/O
CL = 50 pF,
12
25
ns
tpd
I, I/O (reset)
Q
R1 = 390 Ω,
12
25
ns
tpd
CLK
Q
R2 = 750 Ω,
8
15
ns
ten
I, I/O
I/O, Q
See Figure 4
12
25
ns
tdis
I, I/O
I/O, Q
12
25
ns
All typical values are at VCC = 5 V, TA = 25°C.
Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second. VO is set at 0.5 V to
avoid test problems caused by test equipment ground degradation.
§ fmax (with feedback) +
1
tsu ) tpd (CLK to Q)
, fmax without feedback can be calculated as
fmax (without feedback) +
1
tw high ) tw low
.
Obsolete Device


Similar Part No. - TIBPAL22VP10-25MJTB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22VP10-25MJT TI-TIBPAL22VP10-25MJT Datasheet
160Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
More results

Similar Description - TIBPAL22VP10-25MJTB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22V10-20M TI1-TIBPAL22V10-20M_16 Datasheet
443Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL20L8-7C TI1-TIBPAL20L8-7C_15 Datasheet
672Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20R3 TI-TIBPAL20R3 Datasheet
922Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-15M TI1-TIBPAL16L8-15M_14 Datasheet
445Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com