Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL5942NFC Datasheet(PDF) 10 Page - Texas Instruments

Part # TIL5942NFC
Description  CURRENT-MODE-PWM CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIL5942NFC Datasheet(HTML) 10 Page - Texas Instruments

Back Button TIL5942NFC Datasheet HTML 6Page - Texas Instruments TIL5942NFC Datasheet HTML 7Page - Texas Instruments TIL5942NFC Datasheet HTML 8Page - Texas Instruments TIL5942NFC Datasheet HTML 9Page - Texas Instruments TIL5942NFC Datasheet HTML 10Page - Texas Instruments TIL5942NFC Datasheet HTML 11Page - Texas Instruments TIL5942NFC Datasheet HTML 12Page - Texas Instruments TIL5942NFC Datasheet HTML 13Page - Texas Instruments TIL5942NFC Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TIL5942, TIL5942A
CURRENT-MODE-PWM CONTROLLER
WITH OPTOISOLATED VOLTAGE REFERENCE AND ERROR AMPLIFIER
SOES040 – OCTOBER 1997
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
TA – Free-Air Temperature – °C
PWM REFERENCE VOLTAGE
vs
FREE-AIR TEMPERATURE
5.01
4.99
4.97
4.95
–20
20
5.02
5
4.98
4.96
0
40
100
5.05
–40
60
80
5.03
5.04
VCC = 17 V
IO = 10 mA
Figure 11
TA – Free-Air Temperature – °C
PWM REGULATOR VOLTAGE
vs
FREE-AIR TEMPERATURE
12.51
12.5
12.49
12.48
–20
20
0
40
100
12.53
–40
60
80
12.52
VCC = 17 V
Figure 12
TA – Free-Air Temperature – °C
PWM RELATIVE OSCILLATOR FREQUENCY
vs
FREE-AIR TEMPERATURE
1.02
1.01
1
0.99
–20
20
1.015
1.005
0.995
0
40
100
VCC = 17 V
1.025
–40
60
80
Figure 13
TA – Free-Air Temperature – °C
INTEGRATING CAPACITOR CURRENT
vs
FREE-AIR TEMPERATURE
–2
–4
–6
–8
–20
20
–3
–5
–7
0
40
100
0
–40
60
80
–1


Similar Part No. - TIL5942NFC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL5942 TI-TIL5942 Datasheet
293Kb / 19P
[Old version datasheet]   CURRENT-MODE-PWM CONTROLLER WITH OPTOISOLATED VOLTAGE REFERENCE AND ERROR AMPLIFIER
More results

Similar Description - TIL5942NFC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com