Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6062 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS6062
Description  350mA,12V ADSL CPE LINE DRIVERS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6062 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS6062 Datasheet HTML 6Page - Texas Instruments THS6062 Datasheet HTML 7Page - Texas Instruments THS6062 Datasheet HTML 8Page - Texas Instruments THS6062 Datasheet HTML 9Page - Texas Instruments THS6062 Datasheet HTML 10Page - Texas Instruments THS6062 Datasheet HTML 11Page - Texas Instruments THS6062 Datasheet HTML 12Page - Texas Instruments THS6062 Datasheet HTML 13Page - Texas Instruments THS6062 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
THS6042, THS6043
350 mA, ±12 V ADSL CPE LINE DRIVERS
SLOS264G − MARCH 2000 − REVISED DECEMBER 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
−100
−95
−90
−85
−80
−75
−70
0
2
4
6
8
10
12
14
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
VO − Output Voltage − VPP
VCC = ±15 V
Gain = 4
RL = 25 Ω
Rf = 390 Ω
f = 250 KHz
2nd Order
3rd Order
Figure 14
−100
−95
−90
−85
−80
−75
−70
02
46
8
10
12
14
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
VO − Output Voltage − VPP
VCC = ±10 V
Gain = 4
RL = 25 Ω
Rf = 390 Ω
f = 250 KHz
2nd Order
3rd Order
Figure 15
−100
−95
−90
−85
−80
−75
−70
01
23
4
5
6
7
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
VO − Output Voltage − VPP
VCC = ±5.4 V
Gain = 4
RL = 25 Ω
Rf = 390 Ω
f = 250 KHz
2nd Order
3rd Order
Figure 16
−100
−90
−80
−70
−60
−50
−40
−30
100 k
1 M
10 M
100 M
HARMONIC DISTORTION
vs
FREQUENCY
VCC = ±15 V
Gain = 4
RL = 25 Ω
Rf = 390 Ω
VO = 2 VPP
2nd Order
3rd Order
f − Frequency − Hz


Similar Part No. - THS6062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6062 TI-THS6062 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6062 TI-THS6062 Datasheet
540Kb / 31P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062 TI-THS6062 Datasheet
509Kb / 33P
[Old version datasheet]   350 mA, 짹12 V ADSL CPE LINE DRIVERS
THS6062 TI1-THS6062 Datasheet
1Mb / 23P
[Old version datasheet]   175mA,12V ADSL CPE LINE DRIVERS
THS6062 TI1-THS6062 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
More results

Similar Description - THS6062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6052 TI1-THS6052_16 Datasheet
1Mb / 23P
[Old version datasheet]   175mA,12V ADSL CPE LINE DRIVERS
THS6052IDDA TI-THS6052IDDA Datasheet
944Kb / 21P
[Old version datasheet]   175 mA, 짹12 V ADSL CPE LINE DRIVERS
THS6042 TI-THS6042 Datasheet
509Kb / 33P
[Old version datasheet]   350 mA, 짹12 V ADSL CPE LINE DRIVERS
logo
Bel Fuse Inc.
2818C BEL-2818C Datasheet
40Kb / 2P
   ADSL Magnetics Lucent WildWire 12V/5V ADSL CPE
logo
Pulse A Technitrol Comp...
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
   ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
logo
Texas Instruments
THS6092 TI1-THS6092 Datasheet
1Mb / 23P
[Old version datasheet]   275mA, 12 V ADSL CPE LINE DRIBERS
logo
Bel Fuse Inc.
APC78164 BEL-APC78164 Datasheet
144Kb / 1P
   ADSL CPE Hybrid
APC78106 BEL-APC78106 Datasheet
145Kb / 1P
   ADSL CPE Hybrid
logo
Pulse A Technitrol Comp...
BX2361 PULSE-BX2361 Datasheet
64Kb / 1P
   ADSL LINE TRANSFORMERS For Texas Instruments??CPE Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com