Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C552FNR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C552FNR
Description  DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C552FNR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL16C552FNR Datasheet HTML 5Page - Texas Instruments TL16C552FNR Datasheet HTML 6Page - Texas Instruments TL16C552FNR Datasheet HTML 7Page - Texas Instruments TL16C552FNR Datasheet HTML 8Page - Texas Instruments TL16C552FNR Datasheet HTML 9Page - Texas Instruments TL16C552FNR Datasheet HTML 10Page - Texas Instruments TL16C552FNR Datasheet HTML 11Page - Texas Instruments TL16C552FNR Datasheet HTML 12Page - Texas Instruments TL16C552FNR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TL16C552
DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT
WITH FIFO
SLLS102B − DECEMBER 1990 − REVISED MARCH 1996
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
2 V
0.8 V
CLK (XTAL1)
tw1
tw2
fclock = 8 MHz MAX
Figure 1. Clock Input (CLK) Voltage Waveform
Device Under Test
680
82 pF†
2.54 V
TL16C552
†Includes scope and jig capacitance
Figure 2. Output Load Circuit
Option
Jumpers
Data Bus
Address Bus
Control Bus
9-Pin D Connector
9-Pin D Connector
25-Pin D Connector
Serial
Channel 1
Buffers
Serial
Channel 2
Buffers
Parallel
Port
R/C
Network
Dual
Ace and
Printer
Port
TL16C552
Figure 3. Basic Test Configuration


Similar Part No. - TL16C552FNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C552FN TI-TL16C552FN Datasheet
455Kb / 33P
[Old version datasheet]   DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
More results

Similar Description - TL16C552FNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C552 TI-TL16C552 Datasheet
455Kb / 33P
[Old version datasheet]   DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552A TI-TL16C552A Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com