Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6022 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS6022
Description  250-mA DUAL DIFFERENTIAL LINE DRIVER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6022 Datasheet(HTML) 5 Page - Texas Instruments

  THS6022 Datasheet HTML 1Page - Texas Instruments THS6022 Datasheet HTML 2Page - Texas Instruments THS6022 Datasheet HTML 3Page - Texas Instruments THS6022 Datasheet HTML 4Page - Texas Instruments THS6022 Datasheet HTML 5Page - Texas Instruments THS6022 Datasheet HTML 6Page - Texas Instruments THS6022 Datasheet HTML 7Page - Texas Instruments THS6022 Datasheet HTML 8Page - Texas Instruments THS6022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
THS6022
SLOS225D – SEPTEMBER 1998 – REVISED JULY 2007
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC+ to VCC–
Supply voltage
33
V
VI
Input voltage
±V
CC
V
IO
Output current
400
mA
VID
Differential input voltage
6
V
Continuous total power dissipation at (or below) TA = 25°C
3.3
W
TA
Operating free air temperature
–40 to 85
°C
Tstg
Storage temperature
–65 to 125
°C
Lead temperature, 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Split supply
±4.5
±16
VCC+ and VCC–
Supply voltage
V
Single supply
9
32
C suffix
0
70
TA
Operating free-air temperature
°C
I suffix
–40
85
VCC = ±15 V, RL = 50 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic Performance
VCC = ±15 V
RF = 787 Ω
210
VO = 200 mV, G = 1
VCC = ±5 V
RF = 910 Ω
150
VCC = ±15 V
RF = 787 Ω
590
VO = 200 mV, G = 2
VCC = ±5 V
RF = 910 Ω
715
Small-signal bandwidth (–3
dB)
VCC = ±15 V
RF = 750 Ω
300
VO = 100 mV, G = 1
VCC = ±5 V
RF = 910 Ω
210
BW
MHz
VCC = ±15 V
RF = 620 Ω
260
VO = 100 mV, G = 2
VCC = ±5 V
RF = 680 Ω
180
VCC = ±15 V
RF = 590 Ω
115
RL = 50 Ω, G = 2
VCC = ±5 V
RF = 715 Ω
70
Bandwidth for 0.1-dB
flatness
VCC = ±15 V
RF = 620 Ω
140
RL = 100 Ω, G = 2
VCC = ±5 V
RF = 680 Ω
80
VCC = ±15 V,
VO(PP) = 20 V,
G = 5
1900
SR
Slew rate (1)
V/
μs
VCC = ±5 V,
VO(PP) = 5 V,
G = 2
950
tS
Settling time to 0.1%
0-V to 10-V step,
G = 2,
RL = 1 kΩ
70
ns
VCC = ±15 V,
VO = 20 V(PP)
30
Full-power bandwidth (2)
MHz
VCC = ±5 V,
VO = 4 V(PP)
75
(1)
Slew rate is measured from an output level range of 25% to 75%.
(2)
Full power bandwidth = slew rate/2
πVpeak
5
Submit Documentation Feedback


Similar Part No. - THS6022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6022 TI-THS6022 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6022 TI-THS6022 Datasheet
646Kb / 38P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6022 TI1-THS6022 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6022 TI1-THS6022 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6022 TI1-THS6022 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - THS6022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6022 TI-THS6022 Datasheet
646Kb / 38P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI-THS6012 Datasheet
604Kb / 35P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
logo
Texas Instruments
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158 Datasheet
122Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191_V01 Datasheet
1Mb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com