Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL34072A Datasheet(PDF) 2 Page - Texas Instruments

Part # TL34072A
Description  HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL34072A Datasheet(HTML) 2 Page - Texas Instruments

  TL34072A Datasheet HTML 1Page - Texas Instruments TL34072A Datasheet HTML 2Page - Texas Instruments TL34072A Datasheet HTML 3Page - Texas Instruments TL34072A Datasheet HTML 4Page - Texas Instruments TL34072A Datasheet HTML 5Page - Texas Instruments TL34072A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TL3x071, TL3x071A, TL3x072, TL3x072A, TL3x074, TL3x074A
HIGHSLEW RATE, SINGLESUPPLY OPERATIONAL AMPLIFIERS
SLOS097C − MARCH 1991 − REVISED AUGUST 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
Quality, low cost, bipolar fabrication with innovative design concepts are employed for the TL33071/2/4,
TL34071/2/4, and TL35071/2/4 series of monolithic operational amplifiers. This series of operational amplifiers
offers 4.5 MHz of gain bandwidth product, 13 V/
µs slew rate, and fast settling time without the use of JFET device
technology. Although this series can be operated from split supplies, it is particularly suited for single-supply
operation since the common-mode input voltage range includes ground potential (VCC−). With a Darlington
transistor input stage, this series exhibits high input resistance, low input offset voltage, and high gain. The
all-npn output stage, characterized by no dead-band crossover distortion and large output voltage swing,
provides high-capacitance drive capability, excellent phase and gain margins, low open-loop high-frequency
output impedance, and symmetrical source/sink ac frequency response.
The TL34071/2/4 devices are avaliable in standard or prime performance (A-suffix) grades and are specified
over the commercial (0
°C to 70°C) temperature range. The TL33071/2/4 devices are available in standard or
prime performance (A-suffix) grades and are specified over industrial/vehicular (− 40
°C to 105°C) temperature
range. The TL35071/2/4 devices are avaliable in standard or prime performance (A-suffix) grades and are
specified over the military (− 55
°C to 125°C) temperature range. These low-cost amplifiers are available in
single, dual, and quad configurations and are pin compatible with the MC33071/2/4, MC34071/2/4, and
MC35071/2/4 series of amplifiers. Packaging options include standard plastic DIP and SO packages.
symbol
+
+
OFFSET N1
IN +
IN −
OFFSET N2
OUT
Single
OUT
IN +
IN −
Dual and Quad
(per amplifier)


Similar Part No. - TL34072A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL34072AD TI-TL34072AD Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL34072ADR TI-TL34072ADR Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL34072AP TI-TL34072AP Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL34072APR TI-TL34072APR Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TL34072A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472 TI-TL3472 Datasheet
68Kb / 5P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472-Q1 TI1-TL3472-Q1 Datasheet
175Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com