Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16PNP100A Datasheet(PDF) 11 Page - Texas Instruments

Part # TL16PNP100A
Description  STANDALONE PLUG-AND-PLAY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16PNP100A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL16PNP100A Datasheet HTML 7Page - Texas Instruments TL16PNP100A Datasheet HTML 8Page - Texas Instruments TL16PNP100A Datasheet HTML 9Page - Texas Instruments TL16PNP100A Datasheet HTML 10Page - Texas Instruments TL16PNP100A Datasheet HTML 11Page - Texas Instruments TL16PNP100A Datasheet HTML 12Page - Texas Instruments TL16PNP100A Datasheet HTML 13Page - Texas Instruments TL16PNP100A Datasheet HTML 14Page - Texas Instruments TL16PNP100A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TL16PNP100A
STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
SLLS200C – MARCH 1995 – REVISED SEPTEMBER 1997
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
2.
Program the I/O ports descriptors in the EEPROM as follows:
47h
I/O port descriptors with 7 bytes
01h
Information, bit 0 is set. The logical device is decoding full 16-bit ISA addresses
00h
Address bits 7–0 for minimum configuration base I/O address
02h
Address bits 15–8 for minimum configuration base I/O address
00h
Address bits 7–0 for maximum configuration base I/O address
03h
Address bits 15–8 for maximum configuration base I/O address
08h
Base alignment, which has a block size of 8 bytes
01h
One I/O port is needed
Using the above setup, the PnP BIOS maps the logical device to an address so that the upper six bits are always
zeros. The 0 output from the OR gate occurs when SA15-SA10 and SAEN are low. This forces the logical device
to check SA09-SA0 for a possible valid address.


Similar Part No. - TL16PNP100A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results

Similar Description - TL16PNP100A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16PNP200A TI1-TL16PNP200A Datasheet
340Kb / 10P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
logo
Maxim Integrated Produc...
DS21T09 MAXIM-DS21T09 Datasheet
227Kb / 10P
   Plug and Play SCSI Terminator
112099
logo
Level One
FEP-1612 LVL1-FEP-1612 Datasheet
350Kb / 3P
   Simple Plug and Play installation
logo
Dallas Semiconductor
DS21T09 DALLAS-DS21T09 Datasheet
221Kb / 10P
   Plug and Play SCSI Terminator
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
logo
Analog Devices
UG-400 AD-UG-400 Datasheet
400Kb / 20P
   Plug and play system evaluation
logo
Dallas Semiconductor
DS2109 DALLAS-DS2109 Datasheet
85Kb / 10P
   Plug and Play SCSI Terminator
logo
Level One
FSW-0513 LVL1-FSW-0513 Datasheet
657Kb / 3P
   Simple Plug and Play installation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com